Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3232E Datasheet (PDF) - Analog Devices

ADM3232E Datasheet PDF - Analog Devices
Part # ADM3232E
Download  ADM3232E Download
File Size   232.12 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver

ADM3232E Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM3232E Datasheet PDF - Analog Devices

Part # ADM3232E
Download  ADM3232E Click to download

File Size   232.12 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver

ADM3232E Datasheet (HTML) - Analog Devices


ADM3232E Product details

FEATURES
Data rate: 460 kbps
2 Tx and 2 Rx
Meets EIA-232E specifications
0.1 μF charge pump capacitors
ESD protection to IEC 1000-4-2 (801.2) on RS-232 I/Os
Contact discharge: ±8 kV
Air gap discharge: ±15 kV

APPLICATIONS
General-purpose RS-232 data link
Portable instruments
Handsets
Industrial/telecom diagnostic ports




Similar Part No. - ADM3232E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3232E AD-ADM3232E Datasheet
266Kb / 12P
-15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
12/06-Revision 0
logo
Guangdong Youtai Semico...
ADM3232E UMW-ADM3232E Datasheet
592Kb / 16P
True 3.0V to 5.5V RS-232 Transceivers
logo
Analog Devices
ADM3232EARNZ AD-ADM3232EARNZ Datasheet
266Kb / 12P
-15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
12/06-Revision 0
ADM3232EARNZ AD-ADM3232EARNZ Datasheet
232Kb / 12P
Line Driver/Receiver
REV. B
ADM3232EARNZ-REEL7 AD-ADM3232EARNZ-REEL7 Datasheet
266Kb / 12P
-15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
12/06-Revision 0
More results


Similar Description - ADM3232E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX208 TI-MAX208 Datasheet
287Kb / 14P
5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
logo
Analog Devices
ADM3232E AD-ADM3232E Datasheet
266Kb / 12P
-15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
12/06-Revision 0
logo
Texas Instruments
MAX211 TI-MAX211 Datasheet
294Kb / 16P
5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX208 TI-MAX208_06 Datasheet
270Kb / 15P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX211 TI-MAX211_06 Datasheet
289Kb / 17P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX222 TI-MAX222 Datasheet
346Kb / 15P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
/- 15 kV ESD protected 5 V RS-232 transceiver
08-Feb-2008
ST207EB STMICROELECTRONICS-ST207EB_07 Datasheet
632Kb / 15P
/-15 kV ESD protected 5 V RS-232 transceiver
22-Aug-2007
logo
Analog Devices
ADM3101E AD-ADM3101E_08 Datasheet
253Kb / 12P
짹15 kV ESD Protected, 3.3 V Single-Channel RS-232 Line Driver/Receiver
REV. C
ADM3101E AD-ADM3101E_V01 Datasheet
297Kb / 12P
짹15 kV ESD Protected, 3.3 V Single-Channel RS-232 Line Driver/Receiver
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com