Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM483E Datasheet (PDF) - Analog Devices

ADM483E Datasheet PDF - Analog Devices
Part # ADM483E
Download  ADM483E Download
File Size   363.56 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver

ADM483E Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM483E Datasheet PDF - Analog Devices

Part # ADM483E
Download  ADM483E Click to download

File Size   363.56 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver

ADM483E Datasheet (HTML) - Analog Devices


ADM483E Product details

FEATURES
±15 kV ESD protection
250 kbps data rate
Reduced slew rate for low EM interference
Single 5 V ± 10% supply
−7 V to +12 V bus common-mode range
Up to 32 nodes on the bus
Receiver open-circuit, fail-safe design
Short-circuit protection
36 μA supply current
0.1 μA shutdown current

APPLICATIONS
Low power RS-485 systems
Electrically harsh environments
EMI sensitive applications
DTE-DCE interface
Packet switching
Local area networks




Similar Part No. - ADM483E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483E AD-ADM483E Datasheet
324Kb / 12P
-15 kV ESD Protected, EMC Compliant Slew Rate Limited, EIA RS-485 Transceiver
REV.0
ADM483EAN AD-ADM483EAN Datasheet
324Kb / 12P
-15 kV ESD Protected, EMC Compliant Slew Rate Limited, EIA RS-485 Transceiver
REV.0
ADM483EAR AD-ADM483EAR Datasheet
324Kb / 12P
-15 kV ESD Protected, EMC Compliant Slew Rate Limited, EIA RS-485 Transceiver
REV.0
ADM483EAR AD-ADM483EAR Datasheet
378Kb / 16P
15,-15 kV ESD Protected, Slew Rate
REV. A
ADM483EAR-REEL AD-ADM483EAR-REEL Datasheet
364Kb / 16P
짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
More results


Similar Description - ADM483E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483E AD-ADM483E Datasheet
324Kb / 12P
-15 kV ESD Protected, EMC Compliant Slew Rate Limited, EIA RS-485 Transceiver
REV.0
ADM483 AD-ADM483 Datasheet
218Kb / 16P
5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
10/04-Revision 0
ADM383 AD-ADM383 Datasheet
309Kb / 16P
5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
10/04-Revision 0
ADM483EARZ AD-ADM483EARZ Datasheet
364Kb / 16P
짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EARZ-REEL AD-ADM483EARZ-REEL Datasheet
364Kb / 16P
짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EAR-REEL AD-ADM483EAR-REEL Datasheet
364Kb / 16P
짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EAR AD-ADM483EAR Datasheet
378Kb / 16P
15,-15 kV ESD Protected, Slew Rate
REV. A
ADM383 AD-ADM383_15 Datasheet
310Kb / 16P
5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
logo
Union Semiconductor, In...
UM3352E UNIONSEMI-UM3352E_15 Datasheet
316Kb / 13P
ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM3085E UNIONSEMI-UM3085E_15 Datasheet
346Kb / 12P
ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com