Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM485E Datasheet (PDF) - Analog Devices

ADM485E Datasheet PDF - Analog Devices
Part # ADM485E
Download  ADM485E Download
File Size   285.61 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers

ADM485E Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM485E Datasheet PDF - Analog Devices

Part # ADM485E
Download  ADM485E Click to download

File Size   285.61 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers

ADM485E Datasheet (HTML) - Analog Devices


ADM485E Product details

FEATURES
TIA/EIA RS-485/RS-422 compliant
ESD protection on RS-485 I/O pins
±15 kV human body model (HBM)
Data rates
ADM487E: 250 kbps
ADM485E/ADM1487E: 2.5 Mbps
Half-duplex
Reduced slew rates for low EMI
Common-mode input range: −7 V to +12 V
Thermal shutdown and short-circuit protection
8-lead SOIC packages
ADM487EW qualified for automotive applications

APPLICATIONS
Energy/power metering
Lighting systems
Industrial control
Telecommunications
Security systems
Instrumentation




Similar Part No. - ADM485E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM485E AD-ADM485E Datasheet
399Kb / 16P
5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM485EARZ AD-ADM485EARZ Datasheet
399Kb / 16P
5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM485EARZ-REEL7 AD-ADM485EARZ-REEL7 Datasheet
399Kb / 16P
5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM485E AD-ADM485E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
More results


Similar Description - ADM485E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3077E AD-ADM3077E Datasheet
622Kb / 20P
3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
10/06-Rev. 0 to Rev. A
ADM3483E AD-ADM3483E Datasheet
649Kb / 20P
3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
10/06-Rev. 0 to Rev. A
ADM485E AD-ADM485E Datasheet
399Kb / 16P
5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
logo
Maxim Integrated Produc...
MAX13485E MAXIM-MAX13485E Datasheet
276Kb / 16P
Half-Duplex RS-485/RS-422 Transceivers in uDFN
Rev 0; 1/07
logo
STMicroelectronics
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
/-15 kV ESD protected, low power RS-485/RS-422 transceiver
07-Feb-2008
logo
Analog Devices
ADM485E AD-ADM485E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM487E AD-ADM487E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
logo
Maxim Integrated Produc...
MAX33046E MAXIM-MAX33046E Datasheet
390Kb / 16P
20Mbps, Half-Duplex RS-485/RS-422 Transceivers with 짹40kV ESD Protection
2021
logo
Analog Devices
ADM3070E AD-ADM3070E Datasheet
466Kb / 20P
3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com