Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1962697 Datasheet (PDF) - PHOENIX CONTACT

1962697 Datasheet PDF - PHOENIX CONTACT
Part # 1962697
Download  1962697 Download
File Size   1129.02 Kbytes
Page   24 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - TFKC 2,5/ 2-STF-5,08

1962697 Datasheet (PDF)

Go To PDF Page Download Datasheet
1962697 Datasheet PDF - PHOENIX CONTACT

Part # 1962697
Download  1962697 Click to download

File Size   1129.02 Kbytes
Page   24 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - TFKC 2,5/ 2-STF-5,08

1962697 Datasheet (HTML) - PHOENIX CONTACT


1962697 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Female connector, number of
potentials: 2, number of rows: 1, number of positions: 2, number of connections: 4, product
range: TFKC 2,5/..-STF, pitch: 5.08 mm, connection method: Push-in spring connection,
conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in system: COMBICON
MSTB 2,5, locking: Screw locking, mounting: Screw flange, type of packaging: packed in
cardboard

Your advantages
• Time saving push-in connection, tools not required
• Potentials can be easily looped through – ideal for BUS applications
• Intuitive use through colour coded actuation lever
• Can be combined with the MSTB 2,5 range
• Screwable flange for superior mechanical stability




Similar Part No. - 1962697

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1962600 PHOENIX-1962600 Datasheet
630Kb / 15P
CCVA 2,5/ 2-G-5,08 P26THR
logo
Advantech Co., Ltd.
1962601090 ADVANTECH-1962601090 Datasheet
637Kb / 2P
Cost Effective Compact 1U Rackmount Chassis for Half-size SBC
logo
PHOENIX CONTACT
1962639 PHOENIX-1962639 Datasheet
209Kb / 15P
Printed-circuit board connector - TFKC 2,5/ 5-ST-5,08
09/12/2020
1962642 PHOENIX-1962642 Datasheet
1Mb / 31P
PCB connector - TFKC 2,5/ 6-ST-5,08
Jan 3, 2023
1962655 PHOENIX-1962655 Datasheet
109Kb / 7P
Printed-circuit board connector - TFKC 2,5/ 7-ST-5,08
More results


Similar Description - 1962697

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1962590 PHOENIX-1962590 Datasheet
138Kb / 5P
TFKC 2,5/ 5-STF-5,08 AU
1962778 PHOENIX-1962778 Datasheet
109Kb / 7P
Printed-circuit board connector - TFKC 2,5/10-STF-5,08
1962749 PHOENIX-1962749 Datasheet
109Kb / 7P
Printed-circuit board connector - TFKC 2,5/ 7-STF-5,08
1962736 PHOENIX-1962736 Datasheet
109Kb / 7P
Printed-circuit board connector - TFKC 2,5/ 6-STF-5,08
1962707 PHOENIX-1962707 Datasheet
163Kb / 12P
Printed-circuit board connector - TFKC 2,5/ 3-STF-5,08
09/12/2020
1962642 PHOENIX-1962642 Datasheet
1Mb / 31P
PCB connector - TFKC 2,5/ 6-ST-5,08
Jan 3, 2023
1962710 PHOENIX-1962710 Datasheet
1Mb / 22P
PCB connector - TFKC 2,5/ 4-STF-5,08
Jan 5, 2023
1962723 PHOENIX-1962723 Datasheet
1Mb / 22P
PCB connector - TFKC 2,5/ 5-STF-5,08
1962765 PHOENIX-1962765 Datasheet
1Mb / 21P
TFKC 2,5/ 9-STF-5,08 - PCB connector
1971060 PHOENIX-1971060 Datasheet
777Kb / 19P
SMSTB 2,5/ 2-STF-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com