Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT73L04A Datasheet (PDF) - Exar Corporation

XRT73L04A Datasheet PDF - Exar Corporation
Part # XRT73L04A
Download  XRT73L04A Download
File Size   731.04 Kbytes
Page   65 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT

XRT73L04A Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT73L04A Datasheet PDF - Exar Corporation

Part # XRT73L04A
Download  XRT73L04A Click to download

File Size   731.04 Kbytes
Page   65 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT

XRT73L04A Datasheet (HTML) - Exar Corporation


XRT73L04A Product details

GENERAL DESCRIPTION
The XRT73L04A, 4-Channel, DS3/E3/STS-1 Line Interface Unit is an improved version of the XRT73L04 and consists of four independent line transmitters and receivers integrated on a single chip designed for DS3, E3 or SONET STS-1 applications.

FEATURES
• Incorporates an improved Timing Recovery circuit and is pin and functional compatible to XRT73L04
• Meets E3/DS3/STS-1 Jitter Tolerance Requirements
• Contains a 4-Wire Microprocessor Serial Interface
• Full Loop-Back Capability
• Transmit and Receive Power Down Modes
• Full Redundancy Support
• Uses Minimum External components
• Single +3.3V Power Supply
• 5V tolerant I/O
• -40°C to +85°C Operating Temperature Range
• Available in a Thermally Enhanced 144 pin TQFP package

APPLICATIONS
• Digital Cross Connect Systems
• CSU/DSU Equipment
• Routers
• Fiber Optic Terminals
• Multiplexers
• ATM Switches




Similar Part No. - XRT73L04A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73L04B EXAR-XRT73L04B Datasheet
722Kb / 64P
4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L04BIV EXAR-XRT73L04BIV Datasheet
722Kb / 64P
4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results


Similar Description - XRT73L04A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L04B EXAR-XRT73L04B Datasheet
722Kb / 64P
4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A Datasheet
723Kb / 64P
4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
E3/DS3/STS-1 LINE INTERFACE UNIT
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com