Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75L04 Datasheet (PDF) - Exar Corporation

XRT75L04 Datasheet PDF - Exar Corporation
Part # XRT75L04
Download  XRT75L04 Download
File Size   997.5 Kbytes
Page   57 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER

XRT75L04 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT75L04 Datasheet PDF - Exar Corporation

Part # XRT75L04
Download  XRT75L04 Click to download

File Size   997.5 Kbytes
Page   57 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER

XRT75L04 Datasheet (HTML) - Exar Corporation


XRT75L04 Product details

GENERAL DESCRIPTION

The XRT75L04 is a four-channel fully integrated Line Interface Unit (LIU) with Jitter Attenuator for E3/DS3/STS-1 applications. It incorporates four independent Receivers, Transmitters and Jitter Attenuators in a single 176 pin LQFP package.

Each channel of the XRT75L04 can be configured to operate in E3 (34.368 MHz), DS3 (44.736 MHz) or STS-1 (51.84 MHz) rates that are independent of each other. Each transmitter can be turned off and tristated for redundancy support and for conserving power.

The XRT75L04’s differential receivers provide high noise interference margin and are able to receive the data over 1000 feet of cable or with up to 12 dB of cable attenuation.



FEATURES

RECEIVER:

• On chip Clock and Data Recovery circuit for high input jitter tolerance.

• Meets the jitter tolerance requirements as specified in ITU-T G.823_1993 for E3 and Telcordia GR-499-CORE for DS3 applications.

• Detects and Clears LOS as per G.775.

• Receiver Monitor mode handles up to 20 dB flat loss with 6 dB cable attenuation.

• On chip B3ZS/HDB3 encoder and decoder that can either be enabled or disabled.

• On-chip clock synthesizer generates the appropriate rate clock from a single frequency XTAL.

• Provides low jitter clock outputs for either DS3,E3 or STS-1 rates.



TRANSMITTER:

• Compliant with Telcordia GR-499, GR-253 and ANSI T1.102 Specification for transmit pulse

• Tri-state Transmit output capability for redundancy applications

• Transmitters can be turned on or off.



JITTER ATTENUATOR:

• On chip advanced crystal-less Jitter Attenuator.

• Jitter Attenuators can be selected in Receive or Transmit paths.

• Compliant with jitter transfer template outlined in ITU G.751, G.752, G.755, GR-253 and GR-499-CORE,1995 standards.

• Meets ETSI TBR 24 Jitter Transfer Requirements.

• 16 or 32 bits selectable FIFO size.

• Meets the Wander specifications described in T1.105.03b.

• Jitter Attenuators can be disabled.



CONTROL AND DIAGNOSTICS:

• Serial Microprocessor Interface for control and configuration.

• Supports optional internal Transmit Driver Monitoring.

• PRBS error counter register to accumulate errors.

• Supports Local, Remote and Digital Loop-backs.

• Single 3.3 V ± 5% power supply.

• 5 V Tolerant I/O.

• Maximum Power Dissipation 1.5W.

• Available in 176 pin LQFP package

• - 40°C to 85°C Industrial Temperature Range.



APPLICATIONS

• E3/DS3 Access Equipment.

• STS1-SPE to DS3 Mapper.

• DSLAMs.

• Digital Cross Connect Systems.

• CSU/DSU Equipment.

• Routers.



 




Similar Part No. - XRT75L04

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L04D EXAR-XRT75L04D Datasheet
935Kb / 98P
FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L04DIV EXAR-XRT75L04DIV Datasheet
935Kb / 98P
FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
More results


Similar Description - XRT75L04

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L02 EXAR-XRT75L02 Datasheet
323Kb / 50P
TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75L06 EXAR-XRT75L06 Datasheet
649Kb / 63P
SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R03 EXAR-XRT75R03 Datasheet
1Mb / 92P
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R12 EXAR-XRT75R12 Datasheet
786Kb / 89P
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R12 EXAR-XRT75R12_07 Datasheet
1Mb / 90P
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75VL00 EXAR-XRT75VL00_08 Datasheet
324Kb / 50P
E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R12_0710 EXAR-XRT75R12_0710 Datasheet
541Kb / 90P
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_15 Datasheet
2Mb / 90P
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com