Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC151D Datasheet (PDF) - Toshiba Semiconductor

74HC151D Datasheet PDF - Toshiba Semiconductor
Part # 74HC151D
Download  74HC151D Download
File Size   216.85 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74HC151D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC151D Datasheet PDF - Toshiba Semiconductor

Part # 74HC151D
Download  74HC151D Click to download

File Size   216.85 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74HC151D Datasheet (HTML) - Toshiba Semiconductor


74HC151D Product details

Functional Description
• 8-Channel Multiplexer
General
The 74HC151D is a high speed CMOS 8-CHANNEL MULTIPLEXER fabricated with silicon gate C2MOS
technology.
It achieves the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power
dissipation.
One of eight date input signals (D0-D7) is selected by decoding of the three-bit address input (A, B, C). The
selected data appears on two outputs: non-inverting (Y) and inverting (W).
The strobe input provides two output conditions; a low level on the strobe input transfers the selected data to
the outputs. A high level on the strobe input sets the Y output low and the W output high without regard to the
data or select input conditions.
All inputs are equipped with protection circuits against static discharge or transient excess voltage.
Features
(1) High speed: tpd = 15 ns (typ.) at VCC = 5 V
(2) Low power dissipation: ICC = 4.0 μA (max) at Ta = 25 
(3) Balanced propagation delays: tPLH ≈ tPHL
(4) Wide operating voltage range: VCC(opr) = 2.0 to 6.0 V




Similar Part No. - 74HC151D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC151D PHILIPS-74HC151D Datasheet
48Kb / 7P
8-input multiplexer
December 1990
logo
Nexperia B.V. All right...
74HC151D NEXPERIA-74HC151D Datasheet
280Kb / 16P
8-input multiplexer
Rev. 10 - 19 October 2022
74HC151D-Q100 NEXPERIA-74HC151D-Q100 Datasheet
764Kb / 17P
8-input multiplexer
74HC151D-Q100 NEXPERIA-74HC151D-Q100 Datasheet
276Kb / 16P
8-input multiplexer
Rev. 5 8 June 2022
logo
NXP Semiconductors
74HC151DB PHILIPS-74HC151DB Datasheet
48Kb / 7P
8-input multiplexer
December 1990
More results


Similar Description - 74HC151D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
19-Oct-2007
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
18-Aug-2016
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
13-Sep-2022
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
21-Oct-2022
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
21-Oct-2022
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
04-Oct-2022
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com