Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC153D Datasheet (PDF) - Toshiba Semiconductor

74HC153D Datasheet PDF - Toshiba Semiconductor
Part # 74HC153D
Download  74HC153D Download
File Size   229.15 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74HC153D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC153D Datasheet PDF - Toshiba Semiconductor

Part # 74HC153D
Download  74HC153D Click to download

File Size   229.15 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74HC153D Datasheet (HTML) - Toshiba Semiconductor


74HC153D Product details

Functional Description
• Dual 4-Channel Multiplexer
General
The 74HC153D is high speed CMOS DUAL 4-CHANNEL MULTIPLEXERs fabricated with silicon gate C2MOS
technology.
They achieve the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power
dissipation.
Input data (1C0~1C2, 2C0~2C3) are selected by the two address inputs, A and B.
Separate strobe inputs (1G, 2G) are provided for each of the two four-line sections. They can be used to inhibit
the data outputs. The output is set low, when the strobe inputs are low.
All inputs are equipped with protection circuits against static discharge or transient excess voltage.
Features
(1) Wide operating temperature range: Topr = -40 to 125 (Note 1)
(2) High speed: tpd = 12 ns (typ.) at VCC = 5 V
(3) Low power dissipation: ICC = 4.0 μA (max) at Ta = 25
(4) Balanced propagation delays: tPLH » tPHL
(5) Wide operating voltage range: VCC(opr) = 2.0 to 6.0 V




Similar Part No. - 74HC153D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC153D PHILIPS-74HC153D Datasheet
46Kb / 7P
Dual 4-input multiplexer
December 1990
logo
Nexperia B.V. All right...
74HC153D NEXPERIA-74HC153D Datasheet
248Kb / 14P
Dual 4-input multiplexer
Rev. 10 - 13 August 2021
74HC153D-Q100 NEXPERIA-74HC153D-Q100 Datasheet
236Kb / 14P
Dual 4-input multiplexer
74HC153D-Q100 NEXPERIA-74HC153D-Q100 Datasheet
247Kb / 14P
Dual 4-input multiplexer
Rev. 5 - 13 August 2021
logo
NXP Semiconductors
74HC153DB PHILIPS-74HC153DB Datasheet
46Kb / 7P
Dual 4-input multiplexer
December 1990
More results


Similar Description - 74HC153D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com