Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4050D Datasheet (PDF) - Toshiba Semiconductor

74HC4050D Datasheet PDF - Toshiba Semiconductor
Part # 74HC4050D
Download  74HC4050D Download
File Size   205.58 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74HC4050D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC4050D Datasheet PDF - Toshiba Semiconductor

Part # 74HC4050D
Download  74HC4050D Click to download

File Size   205.58 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74HC4050D Datasheet (HTML) - Toshiba Semiconductor


74HC4050D Product details

Functional Description
• Hex Buffer
74HC4049D: HEX BUFFER/CONVERTER (INVERTING)
74HC4050D: HEX BUFFER/CONVERTER
General
The 74HC4049D and 74HC4050D are high speed CMOS HEX BUFFERs fabricated with silicon gate C2MOS
technology.
They achieve the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power
dissipation.
The 74HC4049D is an inverting buffer, while the 74HC4050D is a non-inverting buffer. The internal circuits are
composed of 3-stages (74HC4049D) or 2-stages (74HC4050D) of inverter, which provided high noise immunity
and stable output.
Input protection circuits are different from those of other high speed CMOS IC's. They eliminate the diodes on
the VCC side thus providing of logic-level conversion from high-level voltages up to 15 V to low-level voltages.
They are useful for battery back up circuits, because input voltage can be applied on IC's which are not biased
by VCC.
Features
1) Wide operating temperature range: Topr = -40 to 125 (Note 1)
2) High speed: tpd = 8 ns (typ.) at VCC = 6.0 V
3) Low power dissipation: ICC = 1.0 μA (max) at Ta = 25
4) Balanced propagation delays: tPLH » tPHL
5) Wide operating voltage range: VCC(opr) = 2.0 V to 6.0 V




Similar Part No. - 74HC4050D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4050D PHILIPS-74HC4050D Datasheet
40Kb / 7P
Hex high-to-low level shifter
December 1990
logo
Nexperia B.V. All right...
74HC4050D NEXPERIA-74HC4050D Datasheet
219Kb / 11P
Hex non-inverting HIGH-to-LOW level shifter
Rev. 5 - 3 August 2021
74HC4050D-Q100 NEXPERIA-74HC4050D-Q100 Datasheet
703Kb / 13P
Hex non-inverting HIGH-to-LOW level shifter
More results


Similar Description - 74HC4050D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com