Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL216 Datasheet (PDF) - Exar Corporation

XRT83SL216 Datasheet PDF - Exar Corporation
Part # XRT83SL216
Download  XRT83SL216 Download
File Size   940.59 Kbytes
Page   41 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT

XRT83SL216 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT83SL216 Datasheet PDF - Exar Corporation

Part # XRT83SL216
Download  XRT83SL216 Click to download

File Size   940.59 Kbytes
Page   41 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT

XRT83SL216 Datasheet (HTML) - Exar Corporation


XRT83SL216 Product details

GENERAL DESCRIPTION
The XRT83SL216 is a fully integrated 16-channel E1 short-haul LIU which optimizes system cost and performance by offering key design features. The XRT83SL216 operates from a single 3.3V power supply. The LIU features are programmed through a standard serial microprocessor interface. EXAR’s LIU has patented high impedance circuits that allow the transmitter outputs and receiver inputs to be placed in a high impedance mode when experiencing a power failure or when the LIU is powered off. Additional features include TAOS for transmit and receive, RLOS, LCV, on chip Jitter Attenuator, AIS detector, and diagnostic loopback modes.

FEATURES
• Fully integrated 16-Channel short haul transceivers for E1 (2.048MHz) applications
• Tri-State on a per channel basis for the transmit selection
• Crystal-Less digital jitter attenuators (JA) with 32-Bit or 64-Bit FIFO for the receive or transmit paths
• Transmit outputs and receive inputs stay in the High Impedance mode upon power failure
• Support for automatic protection switching
• RLOS/AIS according to ITU-T G.775 or ETSI-300-233
• On-Chip HDB3 encoder/decoder for each channel
• On-Chip digital clock recovery circuit for high input jitter tolerance
• On-Chip per channel driver failure monitoring circuit
• On-Chip transmit pulse shaper for CEPT 75Ω and 120Ω line terminations
• High receiver interference immunity
• Transmit return loss meets or exceeds ETS1 300-166
• Meets or exceeds ITU G.703, G,775, G.736 and G.823
• Line code error and bipolar violation detection
• Transmit all ones (TAOS) for the Transmit and Receive Outputs
• Supports local analog, remote, and digital loopback modes
• Supports gapped clocks for mapper/multiplexer applications
• Low Power dissipation
• Single 3.3V supply operation (3V to 5V I/O tolerant)
• 289-Pin STBGA package
• -40°C to +85°C Temperature Range

APPLICATIONS
• ISDN Primary Rate Interface
• CSU/DSU E1 Interface
• E1 LAN/WAN Routers
• Public Switching Systems and PBX Interfaces
• E1 Multiplexer and Channel Banks
• Integrated Multi-Service Access Platforms (IMAPs)
• Integrated Access Devices (IADs)
• Inverse Multiplexing for ATM (IMA) Wireless Base Stations




Similar Part No. - XRT83SL216

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SL216 EXAR-XRT83SL216 Datasheet
871Kb / 42P
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216IB EXAR-XRT83SL216IB Datasheet
871Kb / 42P
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216 EXAR-XRT83SL216_06 Datasheet
871Kb / 42P
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
More results


Similar Description - XRT83SL216

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SL216 EXAR-XRT83SL216_06 Datasheet
871Kb / 42P
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH28 EXAR-XRT83VSH28 Datasheet
1Mb / 74P
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
563Kb / 96P
16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82V2052E IDT-IDT82V2052E Datasheet
1Mb / 70P
DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT83VSH316 EXAR-XRT83VSH316_07 Datasheet
559Kb / 97P
16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82P20516 IDT-IDT82P20516 Datasheet
1Mb / 115P
16-Channel Short Haul E1 Line Interface Unit
logo
Exar Corporation
XRT83VSH316 EXAR-XRT83VSH316_15 Datasheet
1Mb / 98P
16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
IDT82P20516 RENESAS-IDT82P20516 Datasheet
1Mb / 116P
16-Channel Short Haul E1 Line Interface Unit
December 17, 2009
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com