Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT84L38 Datasheet (PDF) - Exar Corporation

XRT84L38 Datasheet PDF - Exar Corporation
Part # XRT84L38
Download  XRT84L38 Download
File Size   4372.97 Kbytes
Page   451 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description OCTAL T1/E1/J1 FRAMER

XRT84L38 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT84L38 Datasheet PDF - Exar Corporation

Part # XRT84L38
Download  XRT84L38 Click to download

File Size   4372.97 Kbytes
Page   451 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description OCTAL T1/E1/J1 FRAMER

XRT84L38 Datasheet (HTML) - Exar Corporation


XRT84L38 Product details

GENERAL DESCRIPTION

The XRT84L38 is an eight-channel 1.544 Mbit/s or 2.048 Mbit/s DS1/E1/J1 framing controller. The XRT84L38 contains an integrated DS1/E1/J1 framer which provides DS1/E1/J1 framing and error accumulation in accordance with ANSI/ITU_T specifications. Each framer has its own framing synchronizer and transmit-receive slip buffers, and can be independently enabled or disabled as required and can be configured to frame to the common DS1/E1/J1 signal formats.



FEATURES

• Eight independent, full duplex DS1 Tx and Rx Framers

• Two 512-bit (two-frame) elastic store, PCM frame slip buffers (FIFO) on TX and Rx provide up to 8.192 MHz asynchronous back plane connections with jitter and wander attenuation

• Supports input PCM and signaling data at 1.544, 2.048, 4.096 and 8.192 Mbits. Also supports 4-channel multiplexed 12.352/16.384 (HMVIP/H.100) Mbit/s on the back plane bus

• Programmable output clocks for Fractional T1/E1/J1

• Supports Channel Associated Signaling (CAS)

• Supports Common Channel Signalling (CCS)

• Supports ISDN Primary Rate Interface (ISDN PRI) signaling

• Extracts and inserts robbed bit signaling (RBS)

• 3 independent HDLC Controllers for Receive and Transmit on a per channel basis

• Each HDLC controller contains two 96-BYTE buffers

• Timeslot assignable HDLC

• V5.1 and V5.2 Interface

• 8-bit Intel/Motorola μP and MIPS Power PC interfaces for configuration, control and status monitoring

• Parallel search algorithm for fast frame synchronization

• Wide choice of T1 framing structures: D4, ESF, SLC®96, TIDM and N-Frame (non-framing)

• Direct access to D and E channels for fast transmission of data link information

• PRBS and QRSS generation and detection

• Programmable Interrupt output pin

• Supports programmed I/O, Burst and DMA modes of Read-Write access

• Each framer block encodes and decodes the T1/E1/J1 Frame serial data into and from the Single-rail or Dual-rail (B8ZS) format

• Dual or single rail line side digital PCM inputs

• Detects and forces Red (SAI), Yellow (RAI) and Blue (AIS) Alarms

• Detects OOF, LOF, LOS errors and COFA conditions

• Loopbacks: Local (LLB) and Line remote (LB)

• Facilitates Inverse Multiplexing for ATM

• Performance monitor with one second polling

• Boundary scan (IEEE 1149.1) JTAG test port

• Accepts external 8kHz Sync reference

• 3.3V CMOS operation with 5V tolerant inputs

• 388-pin BGA package with –40°C to +85°C operation

• Direct Interface to Exar’s XRT83L38 (Octal) LIU



APPLICATIONS

• High-Density T1/E1/J1 interfaces for Multiplexers, Switches, LAN Routers and Digital Modems

• SONET/SDH terminal or Add/Drop multiplexers (ADMs)

• T1/E1/J1 add/drop multiplexers (MUX)

• Channel Service Units (CSUs): T1/E1/J1 and Fractional T1/E1/J1

• Digital Access Cross-connect System (DACs)

• Digital Cross-connect Systems (DCS)

• Frame Relay Switches and Access Devices (FRADS)

• ISDN Primary Rate Interfaces (PRA)

• PBXs and PCM channel bank

• T3 channelized access concentrators and M13 MUX

• Wireless base stations

• ATM equipment with integrated DS1 interfaces

• Multichannel DS1 Test Equipment

• T1/E1/J1 Performance Monitoring

• Voice over packet gateways

• Routers



 




Similar Part No. - XRT84L38

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT84L38 EXAR-XRT84L38 Datasheet
5Mb / 453P
OCTAL T1/E1/J1 FRAMER
XRT84L38IB EXAR-XRT84L38IB Datasheet
5Mb / 453P
OCTAL T1/E1/J1 FRAMER
XRT84L38 EXAR-XRT84L38_06 Datasheet
5Mb / 453P
OCTAL T1/E1/J1 FRAMER
More results


Similar Description - XRT84L38

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9072 ZARLINK-MT9072 Datasheet
3Mb / 275P
Octal T1/E1/J1 Framer
logo
Dallas Semiconductor
DS26401 DALLAS-DS26401 Datasheet
1Mb / 309P
Octal T1/E1/J1 Framer
logo
Integrated Device Techn...
IDT82V2108 IDT-IDT82V2108 Datasheet
1Mb / 272P
T1 / E1 / J1 OCTAL FRAMER
logo
Exar Corporation
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT84L38 EXAR-XRT84L38_06 Datasheet
5Mb / 453P
OCTAL T1/E1/J1 FRAMER
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_1 Datasheet
1Mb / 66P
OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_2 Datasheet
2Mb / 160P
OCTAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VX38IB329-F EXAR-XRT86VX38IB329-F Datasheet
382Kb / 61P
OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
logo
Renesas Technology Corp
IDT82V2108 RENESAS-IDT82V2108 Datasheet
1Mb / 293P
T1 / E1 / J1 Octal Framer
November 26, 2012
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com