Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT91L80 Datasheet (PDF) - Exar Corporation

XRT91L80 Datasheet PDF - Exar Corporation
Part # XRT91L80
Download  XRT91L80 Download
File Size   271.34 Kbytes
Page   41 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER

XRT91L80 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT91L80 Datasheet PDF - Exar Corporation

Part # XRT91L80
Download  XRT91L80 Click to download

File Size   271.34 Kbytes
Page   41 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER

XRT91L80 Datasheet (HTML) - Exar Corporation


XRT91L80 Product details

GENERAL DESCRIPTION
The XRT91L80 is a fully integrated SONET/SDH transceiver for SONET OC-48/STM-16 applications supporting the use of Forward Error Correction (FEC) capability.

FEATURES
• 2.488 / 2.666 Gbps Transceiver
• Targeted for SONET OC-48/SDH STM-16 Applications
• Selectable full duplex operation between standard rate of 2.488 Gbps or Forward Error Correction rate of 2.666 Gbps
• Single-chip fully integrated solution containing parallel-to-serial converter, clock multiplier unit (CMU), serialto-parallel converter, and clock data recovery (CDR) functions
• 4-bit LVDS signaling data paths running at 622.08/666.51 Mbps compliant with OIF SFI-4 Implimentation Agreement
• Non-FEC and FEC rate REFCLKP/N single reference input port
• Supports 77.76/83.31 MHz or 155.52/166.63 MHz transmit and receive external reference input port
• Optional VCXO input port support multiple de-jittering modes
• On-chip phase detector and charge pump for external VCXO based de-jittering PLL
• Internal FIFO decouples transmit parallel clock input and transmit parallel clock output
• Provides Local, Remote Serial, Remote Parallel and Split Loopback modes as well as Loop Timing mode
• Diagnostics features include various lock detect functions and transmit CMU and receive CDR Lock Detect
• Host mode serial microprocessor interface simplifies monitor and control
• Meets Telcordia, ANSI and ITU-T jitter requirements including T1.105.03 - 2002 SONET Jitter Tolerance specification, GR-253 CORE, GR-253 ILR SONET Jitter specifications.
• Operates at 1.8V CMOS and CML with 3.3V I/O
• 490mW Typical Power Dissipation
• Package: 12 x 12 mm 196-pin STBGA
• IEEE 1149.1 Compatable JTAG port

APPLICATIONS
• SONET/SDH-based Transmission Systems
• Add/Drop Multiplexers
• Cross Connect Equipment
• ATM and Multi-Service Switches and Routers
• DSLAMS
• SONET/SDH Test Equipment
• DWDM Termination Equipment




Similar Part No. - XRT91L80

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L80 EXAR-XRT91L80 Datasheet
335Kb / 45P
2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L80IB EXAR-XRT91L80IB Datasheet
335Kb / 45P
2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L80_0507 EXAR-XRT91L80_0507 Datasheet
335Kb / 45P
2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
More results


Similar Description - XRT91L80

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Exar Corporation
XRT91L81 EXAR-XRT91L81 Datasheet
264Kb / 40P
2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
List of Unclassifed Man...
SI5600 ETC1-SI5600 Datasheet
378Kb / 28P
SiPHY-TM OC-192/STM-64 SONET/SDH TRANSCEIVER
logo
Exar Corporation
XRT91L82 EXAR-XRT91L82 Datasheet
391Kb / 59P
2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
SONET/SDH/ATM OC-48 Transceiver With CDR
logo
Exar Corporation
XRT91L80_0507 EXAR-XRT91L80_0507 Datasheet
335Kb / 45P
2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
logo
Silicon Laboratories
SI5017 SILABS-SI5017 Datasheet
396Kb / 26P
OC-48/STM-16 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5944LZ AVAGO-AFCT-5944LZ Datasheet
526Kb / 16P
Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
logo
Broadcom Corporation.
AFCT-5943XXZ BOARDCOM-AFCT-5943XXZ Datasheet
407Kb / 15P
Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com