Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1201085049 Datasheet (PDF) - Molex Electronics Ltd.

1201085049 Datasheet PDF - Molex Electronics Ltd.
Part # 1201085049
Download  1201085049 Download
File Size   27.58 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Ultra-Lock (M12) to Standard RJ-45 Double-Ended Cordset, 8 Poles, Male (Straight) to Male (Straight), 10.0m (32.81) Length

1201085049 Datasheet (PDF)

Go To PDF Page Download Datasheet
1201085049 Datasheet PDF - Molex Electronics Ltd.

Part # 1201085049
Download  1201085049 Click to download

File Size   27.58 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Ultra-Lock (M12) to Standard RJ-45 Double-Ended Cordset, 8 Poles, Male (Straight) to Male (Straight), 10.0m (32.81) Length

1201085049 Datasheet (HTML) - Molex Electronics Ltd.


1201085049 Product details

General
Product Family Industrial Cordsets
Series 120108
Connector End A Ultra-Lock (M12)
Connector End B RJ-45 (standard)
IP Rating IP67
Material - Contact Copper Alloy
Overview Brad Industrial Ethernet Solutions
Product Name Ultra-Lock (M12)
Protocol N/A
Region America, Asia, Europe
Taxonomy Circular Industrial Cordsets
Type Double Ended
UPC 884982057340




Similar Part No. - 1201085049

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1201085020 MOLEX-1201085020 Datasheet
28Kb / 1P
Micro-Change (M12) to Ultra-Lock (M12) Double-Ended Cordset, 4 Poles, Male (90°) to Male (90°), 24 AWG, TPE Cable, 1.0m (3.28) Length
10/07/2022
1201085024 MOLEX-1201085024 Datasheet
27Kb / 1P
Ultra-Lock (M12) to Standard RJ-45 Double-Ended Cordset, 8 Poles, Male (Straight) to Male (Straight), 0.50m (1.64) Length
09/02/2022
More results


Similar Description - 1201085049

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1201080010 MOLEX-1201080010 Datasheet
35Kb / 2P
Micro-Change (M12) to RJ-45 Double-Ended Cordset, 4 Poles, Female (Straight) to Male RJ-45, 1.0m (3.28) Length
12/01/2022
1201085024 MOLEX-1201085024 Datasheet
27Kb / 1P
Ultra-Lock (M12) to Standard RJ-45 Double-Ended Cordset, 8 Poles, Male (Straight) to Male (Straight), 0.50m (1.64) Length
09/02/2022
1201080258 MOLEX-1201080258 Datasheet
28Kb / 2P
Micro-Change (M12) to RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45, 22 AWG, Shielded PUR Cable, 10.0m (32.81) Length
02/01/2023
1201080353 MOLEX-1201080353 Datasheet
37Kb / 1P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 24 AWG, TPE Cable, 10.0m (32.81) Length, 6.35mm (.250") Diameter, Orange
02/01/2023
1201080405 MOLEX-1201080405 Datasheet
27Kb / 2P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 26 AWG, Shielded TPE Cable, 10.0m (32.81) Length, 6.00mm (.236") Diameter, Teal
01/31/2023
1201080524 MOLEX-1201080524 Datasheet
27Kb / 1P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 22 AWG, Green Shielded TPU Cat5e Cable, 10.0m (32.81) Length
02/01/2023
1201088458 MOLEX-1201088458 Datasheet
27Kb / 1P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 24 AWG, Teal Shielded TPU Cat5e Cable, 10.0m (32.81) Length
02/20/2023
1300480015 MOLEX-1300480015 Datasheet
38Kb / 2P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 24 AWG, Teal Unshielded PVC Cat5e Cable, 10.0m (32.81) Length
01/31/2023
1300488101 MOLEX-1300488101 Datasheet
27Kb / 2P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 26 AWG, Teal Shielded PVC Cat5e Cable, 10.0m (32.81) Length
02/01/2023
1300480306 MOLEX-1300480306 Datasheet
28Kb / 2P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 24 AWG, Teal Unshielded TPE Cat5e Cable, 10.0m (32.81) Length
03/09/2023
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com