Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC2010CT-2000JN-93 Datasheet (PDF) - Vishay Barry

ATC2010CT-2000JN-93 Datasheet PDF - Vishay Barry
Part # ATC2010CT-2000JN-93
Download  ATC2010CT-2000JN-93 Download
File Size   128.3 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description Alumina

ATC2010CT-2000JN-93 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATC2010CT-2000JN-93 Datasheet PDF - Vishay Barry

Part # ATC2010CT-2000JN-93
Download  ATC2010CT-2000JN-93 Click to download

File Size   128.3 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description Alumina

ATC2010CT-2000JN-93 Datasheet (HTML) - Vishay Barry


ATC2010CT-2000JN-93 Product details

Features:
♦ Alumina Material
♦ DC - 4 GHz Performance
♦ 5 Watt Input Power
♦ CT = Matte Tin over Nickel over Silver
♦ Solder Mountable

General Description:
The ATC2010CT-2000JN-93 is a 20 dB Alumina
chip attenuator. It has an input power of 5 watts, while
maintaining a constant mounting surface temperature of
100°C. It offers a frequency range from DC to 4 GHz.




Similar Part No. - ATC2010CT-2000JN-93

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
ATC2010CT-2000JN-2S-01 BARRY-ATC2010CT-2000JN-2S-01 Datasheet
79Kb / 1P
Aluminum Nitride
09/20/11
More results


Similar Description - ATC2010CT-2000JN-93

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TVC1907CT-XXXXJN-93 BARRY-TVC1907CT-XXXXJN-93 Datasheet
164Kb / 1P
Alumina
Rev.C 02/12/08
RP0702BA-5R00GN-90 BARRY-RP0702BA-5R00GN-90 Datasheet
121Kb / 1P
Alumina
09/23/08
RK0503ZZ-XXXXWN-AA BARRY-RK0503ZZ-XXXXWN-AA Datasheet
173Kb / 1P
Alumina
09/11/07
ABC2010CT-2000JN-94-11 BARRY-ABC2010CT-2000JN-94-11 Datasheet
71Kb / 1P
Alumina
08/31/11
ABC2010CT-2100JN-93-05 BARRY-ABC2010CT-2100JN-93-05 Datasheet
551Kb / 1P
Alumina
01/30/07
AT0405ZZ-XXXXJN-91 BARRY-AT0405ZZ-XXXXJN-91 Datasheet
85Kb / 1P
Alumina
03/17/11
ATC2010CT-0050JN-93 BARRY-ATC2010CT-0050JN-93 Datasheet
123Kb / 1P
Alumina
Rev.A 08/05/08
ATC2010CT-0400JN-93 BARRY-ATC2010CT-0400JN-93 Datasheet
77Kb / 1P
Alumina
Rev.00 02/04/13
AV0405GA-0600JN-91 BARRY-AV0405GA-0600JN-91 Datasheet
174Kb / 1P
ALUMINA
10/11/06
ATC2525CT-0300JN-94 BARRY-ATC2525CT-0300JN-94 Datasheet
72Kb / 1P
Alumina
01/23/13
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com