Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT16260DL Datasheet (PDF) - NXP Semiconductors

BT16260DL Datasheet PDF - NXP Semiconductors
Part # BT16260DL
Download  BT16260DL Download
File Size   79.02 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 12-bit to 24-bit multiplexed D-type latches 3-State

BT16260DL Datasheet (PDF)

Go To PDF Page Download Datasheet
BT16260DL Datasheet PDF - NXP Semiconductors

Part # BT16260DL
Download  BT16260DL Click to download

File Size   79.02 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 12-bit to 24-bit multiplexed D-type latches 3-State

BT16260DL Datasheet (HTML) - NXP Semiconductors


BT16260DL Product details

DESCRIPTION
The 74ABT16260/74ABTH16260 is a 12-bit to 24-bit multiplexed D-type latch used in applications where two separate data paths must be multiplexed onto, or demultiplexed from, a single data path. Typical applications include multiplexing and/or demultiplexing of address and data information in microprocessor or bus-interface applications. This device is alto useful in memory-interleaving applications.
   
FEATURES
• ESD protection exceeds 2000V per Mil-Std-883C, Method 3015;
    exceeds 200V using machine model (C = 200pF, R = 0).
• Latch-up performance exceeds 500mA per JEDEC Standard
    JESD-17.
• Distributed VCC and GND pin configuration minimizes high-speed
    switching noise.
• Flow-through architecture optimizes PCB layout.
• High-drive outputs (–32mA IOH, 64mA IOL).
• 74ABTH16260 incorporates bus-hold inputs which eliminate the
    need for external pull-up resistors.
• Package options:
    – 56-pin plastic Shrink Small-Outline Package (SSOP)
    – 56-pin plastic Thin Shrink Small-Outline Package (TSSOP)
   




Similar Part No. - BT16260DL

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
BT162 DIGITRON-BT162 Datasheet
648Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
BT162-400 DIGITRON-BT162-400 Datasheet
648Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
BT162-600 DIGITRON-BT162-600 Datasheet
648Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
logo
NXP Semiconductors
BT162240DGG PHILIPS-BT162240DGG Datasheet
81Kb / 12P
16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
BT162240DL PHILIPS-BT162240DL Datasheet
81Kb / 12P
16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
More results


Similar Description - BT16260DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16260 PHILIPS-74ALVT16260 Datasheet
91Kb / 14P
12-bit to 24-bit multiplexed D-type latches 3-State
1998 Jan 30
logo
Texas Instruments
SN54ABT16260 TI-SN54ABT16260 Datasheet
123Kb / 8P
12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABTH162260 TI-SN54ABTH162260 Datasheet
138Kb / 8P
12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH SERIES-DAMPING RESISTORS AND 3-STATE OUTPUTS
SN74ALVCH16260 TI-SN74ALVCH16260 Datasheet
134Kb / 10P
12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162260 HITACHI-HD74ALVCH162260 Datasheet
61Kb / 15P
12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
HD74ALVCH16260 HITACHI-HD74ALVCH16260 Datasheet
57Kb / 12P
12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
logo
Pericom Semiconductor C...
PI74ALVCH16260 PERICOM-PI74ALVCH16260 Datasheet
280Kb / 5P
12-Bit To 24-Bit Multiplexed D-Type Latch with 3-State Outputs
logo
Texas Instruments
SN74ALVC16260 TI1-SN74ALVC16260 Datasheet
159Kb / 9P
12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN54ABT16260 TI1-SN54ABT16260_08 Datasheet
324Kb / 11P
12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABTH162260 TI1-SN54ABTH162260_08 Datasheet
361Kb / 12P
12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH SERIES-DAMPING RESISTORS AND 3-STATE OUTPUTS
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com