Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT16646DL Datasheet (PDF) - NXP Semiconductors

BT16646DL Datasheet PDF - NXP Semiconductors
Part # BT16646DL
Download  BT16646DL Download
File Size   94.67 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit bus transceiver/register 3-State

BT16646DL Datasheet (PDF)

Go To PDF Page Download Datasheet
BT16646DL Datasheet PDF - NXP Semiconductors

Part # BT16646DL
Download  BT16646DL Click to download

File Size   94.67 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit bus transceiver/register 3-State

BT16646DL Datasheet (HTML) - NXP Semiconductors


BT16646DL Product details

DESCRIPTION
The 74ABT16646 high–performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive.

FEATURES
• Independent registers for A and B buses
• Multiple VCC and GND pins minimize switching noise
• Live insertion/extraction permitted
• Power–up 3-State
• Power–up reset
• Multiplexed real-time and stored data
• Outputs sink 64mA and source 32mA
• Latch–up protection exceeds 500mA per JEDEC Std 17
• 74ABTH16646 incorporates bus-hold data inputs which eliminate the need for external pull-up resistors to hold unused inputs
• ESD protection exceeds 2000V per MIL STD 883 Method 3015 and 200V per Machine Model




Similar Part No. - BT16646DL

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
BT162 DIGITRON-BT162 Datasheet
648Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
BT162-400 DIGITRON-BT162-400 Datasheet
648Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
BT162-600 DIGITRON-BT162-600 Datasheet
648Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
logo
NXP Semiconductors
BT162240DGG PHILIPS-BT162240DGG Datasheet
81Kb / 12P
16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
BT162240DL PHILIPS-BT162240DL Datasheet
81Kb / 12P
16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
More results


Similar Description - BT16646DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16646 PHILIPS-74ALVCH16646 Datasheet
92Kb / 12P
16-bit bus transceiver/register 3-State
1998 Sep 03
74ALVT16652 PHILIPS-74ALVT16652 Datasheet
108Kb / 14P
2.5V/3.3V 16-bit bus transceiver/register 3-State
1998 Feb 13
logo
Texas Instruments
SN74LVC16652 TI-SN74LVC16652 Datasheet
156Kb / 10P
16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646A TI-SN74LVC16646A Datasheet
192Kb / 13P
16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16646 PERICOM-PI74ALVCH16646 Datasheet
426Kb / 6P
16-Bit Bus Transceiver and Register with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16652A-EP TI1-SN74LVCH16652A-EP Datasheet
320Kb / 13P
16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16646 PHILIPS-74ALVCH16646_15 Datasheet
96Kb / 12P
16-bit bus transceiver/register (3-State)
1998 Sep 03
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16652A NEXPERIA-74LVT16652A Datasheet
233Kb / 22P
3.3 V 16-bit bus transceiver/register; 3-state
74ALVCH16646 NEXPERIA-74ALVCH16646 Datasheet
250Kb / 17P
16-bit bus transceiver/register; 3-state
Rev. 3 - 11 September 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com