Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2177S Datasheet (PDF) - International Rectifier

IR2177S Datasheet PDF - International Rectifier
Part # IR2177S
Download  IR2177S Download
File Size   476.51 Kbytes
Page   20 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Phase Current Sensor IC for AC motor control

IR2177S Datasheet (PDF)

Go To PDF Page Download Datasheet
IR2177S Datasheet PDF - International Rectifier

Part # IR2177S
Download  IR2177S Click to download

File Size   476.51 Kbytes
Page   20 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Phase Current Sensor IC for AC motor control

IR2177S Datasheet (HTML) - International Rectifier


IR2177S Product details

Description
IR2177/IR2277 is a high voltage, high speed, single phase current sensor interface for AC motor drive applications. The current is sensed by an external shunt resistor. The IC converts the analog voltage into a time interval through a precise circuit that also performs a very good ripple rejection showing small group delay.

Features
• Floating channel up to 600 V for IR2177 & 1200 V for IR2277
• Synchronous sampling measurement system
• High PWM noise (ripple) rejection capability
• Digital PWM output
• Fast Over Current detection
• Suitable for bootstrap power supplies
• Low sensing latency (<7.5 µsec @20kHz)
• Ratiometric analog output suitable for DSP A/D interface




Similar Part No. - IR2177S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2177S IRF-IR2177S Datasheet
489Kb / 20P
Phase Current Sensor IC for AC motor control
logo
Infineon Technologies A...
IR2177S INFINEON-IR2177S Datasheet
489Kb / 20P
Phase Current Sensor IC for AC motor control
Data Sheet No. PD60233 revB
logo
International Rectifier
IR2177S IRF-IR2177S_15 Datasheet
489Kb / 20P
Phase Current Sensor IC for AC motor control
More results


Similar Description - IR2177S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7712P TOSHIBA-TA7712P Datasheet
772Kb / 14P
3 PHASE BI-DIRECTIONAL FOR MOTOR CONTROL IC
logo
Hitachi Semiconductor
HA13532NT HITACHI-HA13532NT Datasheet
68Kb / 16P
Three-Phase Stepping Motor Control IC
logo
List of Unclassifed Man...
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
Advanced 3-Phase Motor Control IC
logo
International Rectifier
IR22771S IRF-IR22771S Datasheet
441Kb / 16P
Phase Current Sensor IC for AC motor control
IR2177S IRF-IR2177S_15 Datasheet
489Kb / 20P
Phase Current Sensor IC for AC motor control
IR2238Q IRF-IR2238Q_15 Datasheet
435Kb / 17P
3-PHASE AC Motor Controller IC
IR21771S IRF-IR21771S_15 Datasheet
447Kb / 16P
Phase Current Sensor IC for AC motor control
logo
Infineon Technologies A...
IR2238Q INFINEON-IR2238Q Datasheet
437Kb / 17P
3-PHASE AC Motor Controller IC
April 14, 2015
IR2277S INFINEON-IR2277S Datasheet
489Kb / 20P
Phase Current Sensor IC for AC motor control
Data Sheet No. PD60233 revB
IR22771S INFINEON-IR22771S Datasheet
447Kb / 16P
Phase Current Sensor IC for AC motor control
Data Sheet No. PD60234 revB
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com