Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT16952 Datasheet (PDF) - NXP Semiconductors

74ABT16952 Datasheet PDF - NXP Semiconductors
Part # 74ABT16952
Download  74ABT16952 Download
File Size   87.51 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit registered transceiver 3-State

74ABT16952 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT16952 Datasheet PDF - NXP Semiconductors

Part # 74ABT16952
Download  74ABT16952 Click to download

File Size   87.51 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit registered transceiver 3-State

74ABT16952 Datasheet (HTML) - NXP Semiconductors


74ABT16952 Product details

DESCRIPTION
The 74ABT16952 high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive.
The 74ABT16952 is a dual octal registered transceiver. Two 8-bit registers store data flowing in both directions between two bidirectional buses. Data applied to the inputs is entered and stored on the rising edge of the Clock (nCPXX) provided that the Clock Enable (nCEXX) is Low. The data is then present at the 3-State output buffers, but is only accessible when the Output Enable (nOEXX) is Low. Data flow from A inputs to B outputs is the same as for B inputs to A outputs.
Two options are available, 74ABT16952 which does not have the bus-hold feature and 74ABTH16952 which incorporates the bus-hold feature.

FEATURES
• Two 8-bit registered transceivers
• Live insertion/extraction permitted
• Power-up 3-State
• 74ABTH16952 incorporates bus-hold data inputs which eliminate
   the need for external pull-up resistors to hold unused inputs
• Power-up reset
• Multiple VCC and GND pins minimize switching noise
• Independent registers for A and B buses
• Output capability: +64mA/–32mA
• Latch-up protection exceeds 500mA per Jedec Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015
   and 200V per Machine Model
• Bus-hold data inputs eliminate the need for external pull-up
   resistors to hold unused inputs




Similar Part No. - 74ABT16952

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT16952 FAIRCHILD-74ABT16952 Datasheet
82Kb / 7P
16-Bit Registered Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
74ABT16952 NSC-74ABT16952 Datasheet
149Kb / 8P
16-Bit Registered Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ABT16952CMTD FAIRCHILD-74ABT16952CMTD Datasheet
82Kb / 7P
16-Bit Registered Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
74ABT16952CMTD NSC-74ABT16952CMTD Datasheet
149Kb / 8P
16-Bit Registered Transceiver with TRI-STATE Outputs
74ABT16952CMTDX NSC-74ABT16952CMTDX Datasheet
149Kb / 8P
16-Bit Registered Transceiver with TRI-STATE Outputs
More results


Similar Description - 74ABT16952

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16952 PHILIPS-74ALVCH16952 Datasheet
85Kb / 12P
16-bit registered transceiver 3-State
1998 Sep 01
logo
Texas Instruments
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
16-Bit Registered Transceiver with 3-STATE Outputs
74ABT16952 FAIRCHILD-74ABT16952 Datasheet
82Kb / 7P
16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
16-Bit Registered Transceiver with 3-STATE Outputs
logo
NXP Semiconductors
74ALVCH16952 PHILIPS-74ALVCH16952_15 Datasheet
99Kb / 17P
16-bit registered transceiver; 3-state
Rev. 02-27 April 2006
logo
Texas Instruments
SN74ALVCH16952 TI1-SN74ALVCH16952_08 Datasheet
379Kb / 17P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI1-SN74ALVCH16543_08 Datasheet
356Kb / 16P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74ALVCH16952 NEXPERIA-74ALVCH16952 Datasheet
196Kb / 14P
16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com