Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBE0414 Datasheet (PDF) - Vishay Siliconix

MBE0414 Datasheet PDF - Vishay Siliconix
Part # MBE0414
Download  MBE0414 Download
File Size   294.82 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Lead (Pb)-Free Precision Leaded Resistors

MBE0414 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBE0414 Datasheet PDF - Vishay Siliconix

Part # MBE0414
Download  MBE0414 Click to download

File Size   294.82 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Lead (Pb)-Free Precision Leaded Resistors

MBE0414 Datasheet (HTML) - Vishay Siliconix


MBE0414 Product details

DESCRIPTION
MBA/SMA 0204, MBB/SMA 0207 and MBE/SMA 0414 professional leaded thin film resistors are the general purpose resistor for all fields of professional electronics where reliability and stability is of major concern. Typical applications include industrial, telecommunication and medical equipment.

FEATURES
• Available in standard version or CECC version (IECQ-CECC approved according to EN 140101-806)
• Advanced thin film technology
• Power dissipation rating up to 1 W
• Excellent overall stability: Class 0.25
• Wide professional range: 0.22Ω to 22 MΩ
• Lead (Pb)-free termination wire
• Pure tin plating provides compatibility with lead (Pb)-free and lead containing soldering processes
• AEC-Q200 qualified
• Material categorization: For definitions of compliance please see www.vishay.com/doc?99912

APPLICATIONS
• Industrial
• Telecommunication
• Medical equipment
• Automotive




Similar Part No. - MBE0414

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBE0414 ETC2-MBE0414 Datasheet
904Kb / 16P
Professional leaded resistors
logo
Vishay Siliconix
MBE0414 VISHAY-MBE0414 Datasheet
187Kb / 13P
Professional Thin Film Leaded Resistors
03-Dec-12
MBE0414 VISHAY-MBE0414 Datasheet
187Kb / 13P
Professional Thin Film Leaded Resistors
03-Dec-12
MBE0414 VISHAY-MBE0414 Datasheet
187Kb / 13P
Professional Thin Film Leaded Resistors
03-Dec-12
MBE0414 VISHAY-MBE0414 Datasheet
182Kb / 15P
Professional Thin Film Leaded Resistors
02-Nov-15
More results


Similar Description - MBE0414

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW06035K11FHEAP VISHAY-CRCW06035K11FHEAP Datasheet
107Kb / 6P
Lead (Pb)-Free Thick Film, Rectangular, Semi-Precision Chip Resistors
03-Apr-13
CRCW02012K20JNED VISHAY-CRCW02012K20JNED Datasheet
110Kb / 6P
Lead (Pb)-free Commodity Thick Film Chip Resistors
06-Jun-12
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
04-Jul-07
CRCW06035K90FKEA VISHAY-CRCW06035K90FKEA Datasheet
151Kb / 8P
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
04-Jul-07
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
04-Jul-07
logo
Vaishali Semiconductor
CRCW06039K09FKEA VAISH-CRCW06039K09FKEA Datasheet
151Kb / 8P
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
logo
Vishay Siliconix
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
04-Jul-07
DCRCWPE3 VISHAY-DCRCWPE3 Datasheet
99Kb / 6P
Lead (Pb)-Free Thick Film, Rectangular, Semi-Precision Chip Resistors
07-Apr-14
CRCW-PE3 VISHAY-CRCW-PE3 Datasheet
110Kb / 6P
Lead (Pb)-Free Thick Film, Rectangular, Semi-Precision Chip Resistors
07-Apr-14
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
28-May-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com