Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT2244 Datasheet (PDF) - NXP Semiconductors

74ABT2244 Datasheet PDF - NXP Semiconductors
Part # 74ABT2244
Download  74ABT2244 Download
File Size   104.62 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal buffer/line driver with 30ohm series termination resistors 3-State

74ABT2244 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT2244 Datasheet PDF - NXP Semiconductors

Part # 74ABT2244
Download  74ABT2244 Click to download

File Size   104.62 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal buffer/line driver with 30ohm series termination resistors 3-State

74ABT2244 Datasheet (HTML) - NXP Semiconductors


74ABT2244 Product details

DESCRIPTION
The 74ABT2244 high-performance BiCMOS device combines low static and dynamic power dissipation with high speed.

FEATURES
• Octal bus interface
• 3-State buffers
• Live insertion/extraction permitted
• Outputs include series resistance of 30Ω, making external termination resistors unnecessary
• Output capability: +5mA/–32mA
• Latch-up protection exceeds 500mA per Jedec Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015 and 200 V per Machine Model
• Power-up 3-State
• Same part as 74ABT244-1
• Inputs are disabled during 3-State mode




Similar Part No. - 74ABT2244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT2244 FAIRCHILD-74ABT2244 Datasheet
119Kb / 9P
Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244 Datasheet
281Kb / 10P
Octal Buffer/Line Driver with 25ohm Series Resistors in the Outputs
74ABT2244CMSA FAIRCHILD-74ABT2244CMSA Datasheet
119Kb / 9P
Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2244CMSA FAIRCHILD-74ABT2244CMSA Datasheet
281Kb / 10P
Octal Buffer/Line Driver with 25ohm Series Resistors in the Outputs
74ABT2244CMTC FAIRCHILD-74ABT2244CMTC Datasheet
119Kb / 9P
Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
More results


Similar Description - 74ABT2244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ABT162827A PHILIPS-74ABT162827A Datasheet
78Kb / 11P
20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Feb 27
74ABT2240 PHILIPS-74ABT2240 Datasheet
103Kb / 10P
Octal inverting buffer with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT2241 PHILIPS-74ABT2241 Datasheet
104Kb / 12P
Octal buffer with 30ohm series termination resistors; 3-State
1996 Sep 30
74ALVCH162827 PHILIPS-74ALVCH162827 Datasheet
72Kb / 10P
20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Sep 29
74ALVT162827 PHILIPS-74ALVT162827 Datasheet
83Kb / 10P
20-bit buffer/line driver, non-inverting, with 30ohm termination resistors 3-State
1998 Feb 13
74LVT2241 PHILIPS-74LVT2241 Datasheet
80Kb / 5P
3.3V Octal buffer/line driver with 30ohm series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244 Datasheet
90Kb / 10P
3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
74LVT2241 PHILIPS-74LVT2241_15 Datasheet
61Kb / 5P
3.3V Octal buffer/line driver with 30 series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244_15 Datasheet
107Kb / 10P
3.3V Octal buffer/line driver with 30W series termination resistors (3-State)
1998 Feb 19
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com