Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT240 Datasheet (PDF) - NXP Semiconductors

74ABT240 Datasheet PDF - NXP Semiconductors
Part # 74ABT240
Download  74ABT240 Download
File Size   71.5 Kbytes
Page   5 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal inverting buffer 3-State

74ABT240 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT240 Datasheet PDF - NXP Semiconductors

Part # 74ABT240
Download  74ABT240 Click to download

File Size   71.5 Kbytes
Page   5 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal inverting buffer 3-State

74ABT240 Datasheet (HTML) - NXP Semiconductors


74ABT240 Product details

DESCRIPTION
The 74ABT240 high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive.
The 74ABT240 device is an octal inverting buffer that is ideal for driving bus lines. The device features two Output Enables (1OE, 2OE), each controlling four of the 3-State outputs.

FEATURES
• Octal bus interface
• 3-State buffers
• Output capability: +64mA/–32mA
• Latch-up protection exceeds 500mA per Jedec Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015
   and 200 V per Machine Model
• Power-up 3-State
• Live insertion/extraction permitted




Similar Part No. - 74ABT240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
Octal Buffer/Line Driver with 3-STATE Outputs
74ABT240CMSA FAIRCHILD-74ABT240CMSA Datasheet
105Kb / 8P
Octal Buffer/Line Driver with 3-STATE Outputs
74ABT240CMTC FAIRCHILD-74ABT240CMTC Datasheet
105Kb / 8P
Octal Buffer/Line Driver with 3-STATE Outputs
74ABT240CSC FAIRCHILD-74ABT240CSC Datasheet
105Kb / 8P
Octal Buffer/Line Driver with 3-STATE Outputs
74ABT240CSJ FAIRCHILD-74ABT240CSJ Datasheet
105Kb / 8P
Octal Buffer/Line Driver with 3-STATE Outputs
More results


Similar Description - 74ABT240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC240 FAIRCHILD-MM74HC240_05 Datasheet
103Kb / 8P
Inverting Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_05 Datasheet
105Kb / 8P
Inverting Octal 3-STATE Buffer - Octal 3-STATE Buffer
logo
NXP Semiconductors
74ABT540 PHILIPS-74ABT540 Datasheet
111Kb / 10P
Octal buffer, inverting (3-State)
1998 Jan 16
logo
Fairchild Semiconductor
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
logo
ON Semiconductor
MM74HC540 ONSEMI-MM74HC540 Datasheet
206Kb / 9P
Inverting Octal 3-STATE Buffer
Revised May 2005
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com