Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOCN212 Datasheet (PDF) - Belden Inc.

GOCN212 Datasheet PDF - Belden Inc.
Part # GOCN212
Download  GOCN212 Download
File Size   149.34 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 12f MM OM2.

GOCN212 Datasheet (PDF)

Go To PDF Page Download Datasheet
GOCN212 Datasheet PDF - Belden Inc.

Part # GOCN212
Download  GOCN212 Click to download

File Size   149.34 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 12f MM OM2.

GOCN212 Datasheet (HTML) - Belden Inc.


GOCN212 Product details

Product Description
Outdoor optical fiber Central Loose Tube (jelly filled tube) cable with glass yarns as strength member, Corrugated Steel Tape (Full Rodent Protected) armor
and polyethylene outer jacket. Product feature: This cable has improved rodent protection by Corrugated Steel Tape (Full Rodent Protected). Existing out of 1
Tube with a diameter of 3.3mm with 12 fibers MM OM2.




Similar Part No. - GOCN212

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCN216 BELDEN-GOCN216 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 16f MM OM2.
2023 Belden, Inc
More results


Similar Description - GOCN212

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCN112 BELDEN-GOCN112 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 12f MM OM1.
2023 Belden, Inc
GOCN204 BELDEN-GOCN204 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 4f MM OM2.
2023 Belden, Inc
GOCN206 BELDEN-GOCN206 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f MM OM2.
2023 Belden, Inc
GOCN216 BELDEN-GOCN216 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 16f MM OM2.
2023 Belden, Inc
GOCNE12 BELDEN-GOCNE12 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 12f MM OM4.
2023 Belden, Inc
GODN212 BELDEN-GODN212 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 12f MM OM2.
2023 Belden, Inc
GODNE12 BELDEN-GODNE12 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 12f MM OM4.
2023 Belden, Inc
GOEN212 BELDEN-GOEN212 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 12f MM OM2.
2023 Belden, Inc
GORN212 BELDEN-GORN212 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE with 1 Tube of Ø3.3mm 12f MM OM2.
2023 Belden, Inc
GOSN212 BELDEN-GOSN212 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 12f MM OM2.
2023 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com