Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOCN808 Datasheet (PDF) - Belden Inc.

GOCN808 Datasheet PDF - Belden Inc.
Part # GOCN808
Download  GOCN808 Download
File Size   149.86 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 8f SM OS2 G.652.D & G.657.A1.

GOCN808 Datasheet (PDF)

Go To PDF Page Download Datasheet
GOCN808 Datasheet PDF - Belden Inc.

Part # GOCN808
Download  GOCN808 Click to download

File Size   149.86 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 8f SM OS2 G.652.D & G.657.A1.

GOCN808 Datasheet (HTML) - Belden Inc.


GOCN808 Product details

Product Description
Outdoor optical fiber Central Loose Tube (jelly filled tube) cable with glass yarns as strength member, Corrugated Steel Tape (Full Rodent Protected) armor
and polyethylene outer jacket. Product feature: This cable has improved rodent protection by Corrugated Steel Tape (Full Rodent Protected). Existing out of 1
Tube with a diameter of 3.3mm with 8 fibers SM OS2 G.652.D & G.657.A1.




Similar Part No. - GOCN808

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCN802 BELDEN-GOCN802 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 2f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
GOCN804 BELDEN-GOCN804 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 4f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
GOCN804.002100 BELDEN-GOCN804.002100 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 4f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
GOCN804.004100 BELDEN-GOCN804.004100 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 4f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
GOCN806 BELDEN-GOCN806 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
More results


Similar Description - GOCN808

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCN806 BELDEN-GOCN806 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
GOCN812 BELDEN-GOCN812 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 12f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
GOCN816 BELDEN-GOCN816 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 16f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
GODN808 BELDEN-GODN808 Datasheet
154Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 8f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
GOEN808 BELDEN-GOEN808 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 8f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
GOHN808 BELDEN-GOHN808 Datasheet
158Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE SWB PE with 1 Tube of Ø3.3mm 8f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
GORN808 BELDEN-GORN808 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE with 1 Tube of Ø3.3mm 8f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
GOSN808 BELDEN-GOSN808 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 8f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
GOVN808 BELDEN-GOVN808 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 8f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
GOWN808 BELDEN-GOWN808 Datasheet
155Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE SWA PE with 1 Tube of Ø3.3mm 8f SM OS2 G.652.D & G.657.A1.
2023 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com