Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOCND04 Datasheet (PDF) - Belden Inc.

GOCND04 Datasheet PDF - Belden Inc.
Part # GOCND04
Download  GOCND04 Download
File Size   147.49 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 4f MM OM3.

GOCND04 Datasheet (PDF)

Go To PDF Page Download Datasheet
GOCND04 Datasheet PDF - Belden Inc.

Part # GOCND04
Download  GOCND04 Click to download

File Size   147.49 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 4f MM OM3.

GOCND04 Datasheet (HTML) - Belden Inc.


GOCND04 Product details

Product Description
Outdoor optical fiber Central Loose Tube (jelly filled tube) cable with glass yarns as strength member, Corrugated Steel Tape (Full Rodent Protected) armor
and polyethylene outer jacket. Product feature: This cable has improved rodent protection by Corrugated Steel Tape (Full Rodent Protected). Existing out of 1
Tube with a diameter of 3.3mm with 4 fibers MM OM3.




Similar Part No. - GOCND04

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCND02 BELDEN-GOCND02 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 2f MM OM3.
2023 Belden, Inc
GOCND06 BELDEN-GOCND06 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f MM OM3.
2023 Belden, Inc
GOCND06.002100 BELDEN-GOCND06.002100 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f MM OM3.
2023 Belden, Inc
GOCND06.004100 BELDEN-GOCND06.004100 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f MM OM3.
2023 Belden, Inc
GOCND08 BELDEN-GOCND08 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 8f MM OM3.
2023 Belden, Inc
More results


Similar Description - GOCND04

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCN104 BELDEN-GOCN104 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 4f MM OM1.
2023 Belden, Inc
GOCN204 BELDEN-GOCN204 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 4f MM OM2.
2023 Belden, Inc
GOCND06 BELDEN-GOCND06 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f MM OM3.
2023 Belden, Inc
GODN204 BELDEN-GODN204 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 4f MM OM2.
2023 Belden, Inc
GODND04 BELDEN-GODND04 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 4f MM OM3.
2023 Belden, Inc
GODND08 BELDEN-GODND08 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 8f MM OM3.
2023 Belden, Inc
GOEND04 BELDEN-GOEND04 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 4f MM OM3.
2023 Belden, Inc
GORND04 BELDEN-GORND04 Datasheet
146Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE with 1 Tube of Ø3.3mm 4f MM OM3.
2023 Belden, Inc
GOVND04 BELDEN-GOVND04 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 4f MM OM3.
2023 Belden, Inc
GOWND04 BELDEN-GOWND04 Datasheet
139Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE SWA PE with 1 Tube of Ø3.3mm 4f MM OM3.
2023 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com