Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSK489A Datasheet (PDF) - Linear Integrated Systems

LSK489A Datasheet PDF - Linear Integrated Systems
Part # LSK489A
Download  LSK489A Download
File Size   523.84 Kbytes
Page   7 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Low Noise, Monolithic Dual N-Channel JFET Amplifier

LSK489A Datasheet (PDF)

Go To PDF Page Download Datasheet
LSK489A Datasheet PDF - Linear Integrated Systems

Part # LSK489A
Download  LSK489A Click to download

File Size   523.84 Kbytes
Page   7 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Low Noise, Monolithic Dual N-Channel JFET Amplifier

LSK489A Datasheet (HTML) - Linear Integrated Systems


LSK489A Product details

Features
• Low Noise: en = 1.8nV/√Hz (typ), f = 1kHz,
NBW = 1Hz
• Very Low Common Source Input Capacitance
of CISS = 4pF – typ
• High Slew Rate
• Low Offset/Drift Voltage
• Low Gate Leakage IGSS and IG
• High CMRR 102 dB

Applications
• Wideband Differential Amplifiers
• High Speed Temperature Compensated
Single Ended Input Amplifier
• High Speed Comparators
• Impedance Converters
• Sonobouys and Hydrophones
• Acoustic Sensors




Similar Part No. - LSK489A

ManufacturerPart #DatasheetDescription
logo
Micross Components
LSK489 MICROSS-LSK489 Datasheet
531Kb / 1P
MONOLITHIC DUAL N-CHANNEL JFET
logo
Linear Integrated Syste...
LSK489 LINEAR-LSK489 Datasheet
648Kb / 6P
LOW NOISE LOW CAPACITANCE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
More results


Similar Description - LSK489A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
2N5515 INTERSIL-2N5515 Datasheet
72Kb / 2P
DUAL N CHANNEL JFET LOW NOISE AMPLIFIER
logo
Linear Integrated Syste...
LSK389 LINEAR-LSK389 Datasheet
118Kb / 2P
ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET
logo
New Jersey Semi-Conduct...
2N6483 NJSEMI-2N6483 Datasheet
202Kb / 1P
DUAL N-CHANNEL JFET LOW NOISE AMPLIFIER
logo
Linear Integrated Syste...
LS840 LINEAR-LS840_14 Datasheet
251Kb / 2P
LOW NOISE LOW DRIFT LOW CAPACITANCE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LS843 LINEAR-LS843_14 Datasheet
327Kb / 2P
ULTRA LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LS3954A LINEAR-LS3954A_14 Datasheet
289Kb / 2P
LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LS5911 LINEAR-LS5911_15 Datasheet
328Kb / 3P
IMPROVED LOW NOISE WIDEBAND MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LSK389 LINEAR-LSK389_14 Datasheet
238Kb / 2P
ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LSK489 LINEAR-LSK489 Datasheet
648Kb / 6P
LOW NOISE LOW CAPACITANCE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
U401 LINEAR-U401_15 Datasheet
314Kb / 2P
LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com