Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3-L Datasheet (PDF) - New Scale Technologies, Inc.

M3-L Datasheet PDF - New Scale Technologies, Inc.
Part # M3-L
Download  M3-L Download
File Size   273.23 Kbytes
Page   2 Pages
Manufacturer  NEWSCALE [New Scale Technologies, Inc.]
Direct Link  https://www.newscaletech.com/
Logo NEWSCALE - New Scale Technologies, Inc.
Description Smart Module for Precision Motion

M3-L Datasheet (PDF)

Go To PDF Page Download Datasheet
M3-L Datasheet PDF - New Scale Technologies, Inc.

Part # M3-L
Download  M3-L Click to download

File Size   273.23 Kbytes
Page   2 Pages
Manufacturer  NEWSCALE [New Scale Technologies, Inc.]
Direct Link  https://www.newscaletech.com/
Logo NEWSCALE - New Scale Technologies, Inc.
Description Smart Module for Precision Motion

M3-L Datasheet (HTML) - New Scale Technologies, Inc.


M3-L Product details

FEATURES
 Small
o Complete, closed-loop system with embedded controls in less than 28 x 13.2 x 7.5 mm
 Precise
o 0.5 μm resolution
o 6 mm of travel
 Simple system integration
o High-level motion commands over standard serial interface (I2C or SPI)
 Flexible system, fast to market
o Rapidly configurable for push or pull motion
 Low voltage / low power use
o 3.3 V input, <500 mW power use
o Holds position when power is off

APPLICATIONS
 High Resolution Tuning Systems
 Hand-Held Instrumentation
 Precision Photonics
 Targeting Systems
 UAV/UGV Controls and Optics
 Miniature Camera Systems
 Micro Surgical Devices
 Biomedical Inspection/Sampling




Similar Part No. - M3-L

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
M3-LFR FRONTIER-M3-LFR Datasheet
123Kb / 2P
1A SURFACE MOUNT RECTIFIER
logo
New Scale Technologies,...
M3-LS NEWSCALE-M3-LS Datasheet
661Kb / 4P
All-in-one USB micro stage
08-30-2017
M3-LS-1.8-6 NEWSCALE-M3-LS-1.8-6 Datasheet
661Kb / 4P
All-in-one USB micro stage
08-30-2017
M3-LS-3.4-15 NEWSCALE-M3-LS-3.4-15 Datasheet
791Kb / 3P
High load, long travel micro positioning stage features built-in controller
10-12-2017
M3-LS-U2-8 NEWSCALE-M3-LS-U2-8 Datasheet
1,009Kb / 4P
All-In-One Motion Module
More results


Similar Description - M3-L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM628 NSC-LM628 Datasheet
630Kb / 24P
Precision Motion Controller
logo
Fairchild Semiconductor
FCAS50SN60 FAIRCHILD-FCAS50SN60 Datasheet
489Kb / 16P
Smart Power Module for SRM
FCAS20DN60BB FAIRCHILD-FCAS20DN60BB Datasheet
588Kb / 14P
Smart Power Module for SRM
AN-9072 FAIRCHILD-AN-9072 Datasheet
263Kb / 3P
Smart Power Module Motion-SPM?
logo
National Instruments Co...
NI9505 NI-NI9505 Datasheet
161Kb / 3P
NI C Series Motion Module for CompactRIO
logo
Texas Instruments
LM628N-6 TI-LM628N-6 Datasheet
1Mb / 35P
LM628/LM629 Precision Motion Controller
logo
Fairchild Semiconductor
AN-9075 FAIRCHILD-AN-9075 Datasheet
3Mb / 32P
Smart Power Module, Motion 1200 V SPM 2 Series
logo
Microchip Technology
MD200C08D2 MICROCHIP-MD200C08D2 Datasheet
329Kb / 28P
Motion Module
07/14/15
MCP7150 MICROCHIP-MCP7150_16 Datasheet
329Kb / 28P
Motion Module
07/14/15
logo
Advantech Co., Ltd.
DLT-SA6100 ADVANTECH-DLT-SA6100 Datasheet
194Kb / 1P
USB-Based Digital Smart Motion Sensor For Screen Blanking Solution
6-Mar-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com