Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOCNE02 Datasheet (PDF) - Belden Inc.

GOCNE02 Datasheet PDF - Belden Inc.
Part # GOCNE02
Download  GOCNE02 Download
File Size   147.49 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 2f MM OM4.

GOCNE02 Datasheet (PDF)

Go To PDF Page Download Datasheet
GOCNE02 Datasheet PDF - Belden Inc.

Part # GOCNE02
Download  GOCNE02 Click to download

File Size   147.49 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 2f MM OM4.

GOCNE02 Datasheet (HTML) - Belden Inc.


GOCNE02 Product details

Product Description
Outdoor optical fiber Central Loose Tube (jelly filled tube) cable with glass yarns as strength member, Corrugated Steel Tape (Full Rodent Protected) armor
and polyethylene outer jacket. Product feature: This cable has improved rodent protection by Corrugated Steel Tape (Full Rodent Protected). Existing out of 1
Tube with a diameter of 3.3mm with 2 fibers MM OM4.




Similar Part No. - GOCNE02

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCNE04 BELDEN-GOCNE04 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 4f MM OM4.
2023 Belden, Inc
GOCNE04.002100 BELDEN-GOCNE04.002100 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 4f MM OM4.
2023 Belden, Inc
GOCNE06 BELDEN-GOCNE06 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f MM OM4.
2023 Belden, Inc
GOCNE06.002100 BELDEN-GOCNE06.002100 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f MM OM4.
2023 Belden, Inc
GOCNE08 BELDEN-GOCNE08 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 8f MM OM4.
2023 Belden, Inc
More results


Similar Description - GOCNE02

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCND02 BELDEN-GOCND02 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 2f MM OM3.
2023 Belden, Inc
GOCNE12 BELDEN-GOCNE12 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 12f MM OM4.
2023 Belden, Inc
GODND02 BELDEN-GODND02 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 2f MM OM3.
2023 Belden, Inc
GODNE02 BELDEN-GODNE02 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 2f MM OM4
2023 Belden, Inc
GODNE12 BELDEN-GODNE12 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 12f MM OM4.
2023 Belden, Inc
GODNE16 BELDEN-GODNE16 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 16f MM OM4.
2023 Belden, Inc
GOENE02 BELDEN-GOENE02 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 2f MM OM4.
2023 Belden, Inc
GORNE02 BELDEN-GORNE02 Datasheet
146Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE with 1 Tube of Ø3.3mm 2f MM OM4.
2023 Belden, Inc
GOVNE02 BELDEN-GOVNE02 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 2f MM OM4.
2023 Belden, Inc
GOWNE02 BELDEN-GOWNE02 Datasheet
139Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE SWA PE with 1 Tube of Ø3.3mm 2f MM OM4.
2023 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com