Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT5074 Datasheet (PDF) - NXP Semiconductors

74ABT5074 Datasheet PDF - NXP Semiconductors
Part # 74ABT5074
Download  74ABT5074 Download
File Size   100.91 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Synchronizing dual D-type flip-flop with metastable immune characteristics

74ABT5074 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT5074 Datasheet PDF - NXP Semiconductors

Part # 74ABT5074
Download  74ABT5074 Click to download

File Size   100.91 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Synchronizing dual D-type flip-flop with metastable immune characteristics

74ABT5074 Datasheet (HTML) - NXP Semiconductors


74ABT5074 Product details

DESCRIPTION
The 74ABT5074 is a dual positive edge-triggered D-type flip-flop featuring individual data, clock, set and reset inputs; also true and complementary outputs.

FEATURES
• Metastable immune characteristics
• Pin compatible with 74F74 and 74F5074
• Typical fMAX = 200 MHz
• Output skew guaranteed less than 2.0 ns
• High source current (IOH = 15 mA) ideal for clock driver applications
• Output capability: +20 mA / –15 mA
• Latch-up protection exceeds 50 0mA per Jedec Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015 and 200 V per Machine Model




Similar Part No. - 74ABT5074

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT5074 PHILIPS-74ABT5074 Datasheet
131Kb / 13P
Synchronizing dual D-type flip-flop with metastable immune characteristics
2002 Dec 17
74ABT5074D PHILIPS-74ABT5074D Datasheet
131Kb / 13P
Synchronizing dual D-type flip-flop with metastable immune characteristics
2002 Dec 17
74ABT5074DB PHILIPS-74ABT5074DB Datasheet
131Kb / 13P
Synchronizing dual D-type flip-flop with metastable immune characteristics
2002 Dec 17
74ABT5074PW PHILIPS-74ABT5074PW Datasheet
131Kb / 13P
Synchronizing dual D-type flip-flop with metastable immune characteristics
2002 Dec 17
More results


Similar Description - 74ABT5074

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F50109 PHILIPS-74F50109 Datasheet
97Kb / 12P
Synchronizing dual J-K positive edge-triggered flip-flop with metastable immune characteristics
1990 Sep 14
74F50728 PHILIPS-74F50728 Datasheet
89Kb / 12P
Synchronizing cascaded dual positive edge-triggered D-type flip-flop
1990 Sep 14
74F50729 PHILIPS-74F50729 Datasheet
94Kb / 12P
Synchronizing dual D-type flip-flop with edge-triggered set and reset with metastable immune characteristics
1990 Sep 14
74F5074 PHILIPS-74F5074 Datasheet
92Kb / 12P
Synchronizing dual D-type flip-flop/clock driver
1990 Sep 14
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
Dual D-Type Flip-Flop
logo
NXP Semiconductors
74ABT5074 PHILIPS-74ABT5074 Datasheet
131Kb / 13P
Synchronizing dual D-type flip-flop with metastable immune characteristics
2002 Dec 17
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
Dual D-Type Flip Flop
logo
Texas Instruments
74ACT11478 TI1-74ACT11478 Datasheet
98Kb / 5P
METASTABLE-RESISTAND OCTAL D-TYPE DUAL-RANK FLIP-FLOP WITH 3-STATE OUTPUTS
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com