Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LCX07FT Datasheet (PDF) - Toshiba Semiconductor

74LCX07FT Datasheet PDF - Toshiba Semiconductor
Part # 74LCX07FT
Download  74LCX07FT Download
File Size   168.47 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74LCX07FT Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCX07FT Datasheet PDF - Toshiba Semiconductor

Part # 74LCX07FT
Download  74LCX07FT Click to download

File Size   168.47 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74LCX07FT Datasheet (HTML) - Toshiba Semiconductor


74LCX07FT Product details

Functional Description
• Low-Voltage Hex Buffer with 5-V Tolerant Inputs and Outputs (Open Drain)

General
The 74LCX07FT is a high-performance CMOS buffer. Designed for use in 3.3 V systems and 5 V systems, it
achieves high-speed operation while maintaining the CMOS low power dissipation.
The 74LCX07FT has high performance MOS N-channel transistor. (open-drain outputs)
The device is designed for low-voltage (3.3 V) VCC applications, but it could be used to interface to 5 V supply*
environment for inputs.
All inputs are equipped with protection circuits against static discharge.
*IOUT absolute maximum rating must be observed.

Features
(1) AEC-Q100 (Rev. H) (Note 1)
(2) Wide operating temperature range: Topr = -40 to 125 
(3) Low-voltage operation: VCC = 1.65 to 5.5 V
(4) High-speed operation: tpd = 4.5 ns (max) (VCC = 3.3 ± 0.3 V)
(5) Output current: IOL = 24 mA (min) (VCC = 3.0 V)
(6) Open-drain outputs
(7) Power-down protection provided on all inputs and outputs
(8) Pin and function compatible with the 74 series
(74LVC/ALVC etc.) 07 type




Similar Part No. - 74LCX07FT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX07 FAIRCHILD-74LCX07 Datasheet
69Kb / 10P
Low Voltage Hex Buffer with Open Drain Outputs
logo
STMicroelectronics
74LCX07 STMICROELECTRONICS-74LCX07 Datasheet
193Kb / 11P
LOW VOLTAGE CMOS HEX BUFFER (OPEN DRAIN) WITH 5V TOLERANT INPUTS
15-Sep-2004
74LCX07 STMICROELECTRONICS-74LCX07 Datasheet
225Kb / 15P
Low voltage CMOS HEX buffer (open drain) with 5V tolerant inputs
10-Jul-2006
74LCX07 STMICROELECTRONICS-74LCX07 Datasheet
252Kb / 16P
Low-voltage CMOS hex buffer (open drain)
02-Oct-2012
logo
ON Semiconductor
74LCX07 ONSEMI-74LCX07 Datasheet
693Kb / 13P
Low Voltage Hex Buffer with Open Drain Outputs
December 2013 Rev. 1.11.1
More results


Similar Description - 74LCX07FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com