Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA232 Datasheet (PDF) - Texas Instruments

INA232 Datasheet PDF - Texas Instruments
Part # INA232_V01
Download  INA232 Download
File Size   1618.09 Kbytes
Page   38 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface

INA232 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA232 Datasheet PDF - Texas Instruments

Part # INA232_V01
Download  INA232 Click to download

File Size   1618.09 Kbytes
Page   38 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface

INA232 Datasheet (HTML) - Texas Instruments


INA232 Product details

1 Features
• High-side or low-side current sensing
• Operates from a 1.7-V to 5.5-V power supply
• Reports current, voltage and power
• Programmable full scale range: 20mV / 80mV
• Input common mode range: –0.3 V to 48 V
• Current monitoring accuracy:
– 16-bit ADC resolution
– 0.3% gain error (maximum)
– 50-μV offset (maximum)
• Low input bias current: 10 nA (maximum)
• Configurable averaging options
• General call addressing allows conversion
synchronization among devices
• Alert limits for over and under current events
• 1.2-V compliant I2C, SMBus interface
• Two device address options with four pin
selectable address
• SOT23-8 Package
• Operating temperature: –40°C and +125°C

2 Applications
• Smart speakers
• Battery chargers
• Power management
• Battery cell monitors and balancers
• Rack servers

3 Description
The INA232 device is a 16-bit digital current monitor
with an I2C/SMBus-compatible interface that is
compliant with a wide range of digital bus voltages
such as 1.2 V, 1.8 V, 3.3 V, and 5.0 V. The device
monitors the voltage across an external sense resistor
and reports values for current, bus voltage, and
power.
The INA232 features programmable ADC conversion
times and averaging. The device also has a
programmable calibration value with an internal
multiplier that enables direct readouts of current in
amperes and power in watts. The device monitors
the bus voltage present on the IN– pin and can
alert on over/under current as well as over/under
voltage conditions. High input impedance while in
current measurement mode allows use of larger
current sense resistors needed to measure small
value system currents.
The INA232 senses current on common-mode bus
voltages that can vary from –0.3 V to 48 V,
independent of the supply voltage. The device
operates from a single 1.7-V to 5.5-V supply, drawing
a typical supply current of 300 μA in normal operation.
The device can be placed in a low-power standby
mode where the typical operating current is 2.2 μA.




Similar Part No. - INA232_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA232 TI-INA232_V02 Datasheet
1Mb / 39P
INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
DECEMBER 2022
More results


Similar Description - INA232_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA234 TI-INA234 Datasheet
1Mb / 33P
INA234 28-V, 12-Bit, Current, Voltage, and Power Monitor with an I2C Interface
INA236 TI-INA236 Datasheet
1Mb / 32P
INA236 48-V, 16-Bit, High-Precision, Current, Voltage, and Power Monitor with an I2C Interface
INA234 TI-INA234_V01 Datasheet
2Mb / 42P
INA234 28-V, 12-Bit, Current, Voltage, and Power Monitor With an I2C Interface
INA236 TI-INA236_V01 Datasheet
2Mb / 40P
INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
INA232 TI-INA232 Datasheet
1Mb / 32P
INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
DECEMBER 2022
INA236 TI-INA236_V02 Datasheet
1Mb / 43P
INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
REVISED DECEMBER 2022
INA236 TI-INA236_V03 Datasheet
1Mb / 44P
INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
REVISED DECEMBER 2022
INA236 TI-INA236_V04 Datasheet
1Mb / 44P
INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
REVISED DECEMBER 2022
INA232 TI-INA232_V02 Datasheet
1Mb / 39P
INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
DECEMBER 2022
INA236 TI-INA236_V05 Datasheet
1Mb / 44P
INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
REVISED DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com