Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M132C Datasheet (PDF) - MOSDESIGN SEMICONDUCTOR CORP

M132C Datasheet PDF - MOSDESIGN SEMICONDUCTOR CORP
Part # M132C
Download  M132C Download
File Size   146.71 Kbytes
Page   2 Pages
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP
Description CDS,OSH & ON/OFF With 2 LEDs 128 Note Melody IC

M132C Datasheet (PDF)

Go To PDF Page Download Datasheet
M132C Datasheet PDF - MOSDESIGN SEMICONDUCTOR CORP

Part # M132C
Download  M132C Click to download

File Size   146.71 Kbytes
Page   2 Pages
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP
Description CDS,OSH & ON/OFF With 2 LEDs 128 Note Melody IC

M132C Datasheet (HTML) - MOSDESIGN SEMICONDUCTOR CORP


M132C Product details

FEATURES 功能敘述
‧ Rosc:INT. / EXT. (mask option)
‧ Separate LED and Buzzer and Motor Driver.
‧ LED:互閃 ( 2.2 Hz ).
:互閃 ( ASYNC ).
:L2:ASYNC , L1:Active Low.
(mask option)
‧ Mode:OSH , LHI , LHⅡ, ON/OFF ( Suffix-X ).
APPLICATION 產品應用
‧ Toys, Key chain etc..




Similar Part No. - M132C

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
M1320 PETERMANN-M1320 Datasheet
104Kb / 2P
SMD-PLL QUARTZ STABILIZED OSCILLATOR / 3.0 VDC
logo
List of Unclassifed Man...
M1320 ETC2-M1320 Datasheet
300Kb / 1P
6mm HEX FEMALE STANDOFFS
logo
PETERMANN-TECHNIK
M1320-25K PETERMANN-M1320-25K Datasheet
104Kb / 2P
SMD-PLL QUARTZ STABILIZED OSCILLATOR / 3.0 VDC
logo
Alpha Wire
M13200 ALPHAWIRE-M13200 Datasheet
410Kb / 4P
24 (7/32) AWG Tinned Copper
M13201 ALPHAWIRE-M13201 Datasheet
412Kb / 5P
24 (7/32) AWG Tinned Copper
More results


Similar Description - M132C

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
M1105 NPC-M1105 Datasheet
92Kb / 2P
Melody IC
logo
Panasonic Semiconductor
SAA1305T PANASONIC-SAA1305T Datasheet
180Kb / 32P
On/off logic IC
logo
List of Unclassifed Man...
M9132 ETC-M9132 Datasheet
99Kb / 1P
SPEAKER DRIVER 128 NOTES MELODY
M1600A ETC-M1600A Datasheet
22Kb / 2P
ON/OFF, OSH ANDOM/SEQUENCE 6 LED
logo
Holtek Semiconductor In...
HT3810 HOLTEK-HT3810 Datasheet
317Kb / 9P
128 NOTE MELODY GENERATORS
4th Dec 97
logo
Unisonic Technologies
15600 UTC-15600 Datasheet
164Kb / 6P
MELODY IC
15600 UTC-15600_15 Datasheet
171Kb / 6P
MELODY IC
logo
MOSDESIGN SEMICONDUCTOR...
M1351R MOSDESIGN-M1351R Datasheet
154Kb / 3P
1 OR 2 KEY ON/OFF & PAUSE RGB LED IC
2006-05-17
M1600A MOSDESIGN-M1600A Datasheet
137Kb / 2P
ON/OFF, OSH RANDOM/SEQUENCE
2012-04-06
M9130 MOSDESIGN-M9130 Datasheet
28Kb / 2P
CDS, OSH & ON/OFF
2005-12-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com