Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1359 Datasheet (PDF) - MOSDESIGN SEMICONDUCTOR CORP

M1359 Datasheet PDF - MOSDESIGN SEMICONDUCTOR CORP
Part # M1359
Download  M1359 Download
File Size   252.88 Kbytes
Page   6 Pages
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP
Description DC APPLICATION SYNC RGB LED IC

M1359 Datasheet (PDF)

Go To PDF Page Download Datasheet
M1359 Datasheet PDF - MOSDESIGN SEMICONDUCTOR CORP

Part # M1359
Download  M1359 Click to download

File Size   252.88 Kbytes
Page   6 Pages
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP
Description DC APPLICATION SYNC RGB LED IC

M1359 Datasheet (HTML) - MOSDESIGN SEMICONDUCTOR CORP


M1359 Product details

FEATURES 功能敘述
‧ Pairs with M1359E controller.
‧ Operation mode:16 modes.
‧ Constant sink current 15mA (Typ.) per LED outputs.
‧ Outputs directly drive LED.
‧ Supply hot plugging.
‧ Automatic synchronous a LEDs.
‧ 2 pin LED Lamp — suffix–lamp




Similar Part No. - M1359

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1350 ETC-M1350 Datasheet
90Kb / 6P
SYNC RGB LED IC
logo
Alpha Wire
M13502 ALPHAWIRE-M13502 Datasheet
408Kb / 4P
18 (16/30) AWG Tinned Copper
M13505 ALPHAWIRE-M13505 Datasheet
408Kb / 4P
18 (19/30) AWG Tinned Copper
M13507 ALPHAWIRE-M13507 Datasheet
408Kb / 4P
18 (19/30) AWG Tinned Copper
M13509 ALPHAWIRE-M13509 Datasheet
408Kb / 4P
18 (19/30) AWG Tinned Copper
More results


Similar Description - M1359

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1346 ETC-M1346 Datasheet
745Kb / 3P
VDD CONTROL RGB LED IC
M1347 ETC-M1347 Datasheet
150Kb / 2P
RGB LED IC
M1348 ETC-M1348 Datasheet
117Kb / 9P
SYNC RGB LED IC
M1350 ETC-M1350 Datasheet
90Kb / 6P
SYNC RGB LED IC
logo
MOSDESIGN SEMICONDUCTOR...
M1346 MOSDESIGN-M1346 Datasheet
216Kb / 3P
VDD CONTROL RGB LED IC
2011-10-21
M1348 MOSDESIGN-M1348 Datasheet
237Kb / 9P
SYNC RGB LED IC
2006-05-24
M1349 MOSDESIGN-M1349 Datasheet
27Kb / 2P
RGB LED IC
2005-06-01
M1358 MOSDESIGN-M1358 Datasheet
170Kb / 3P
AC Application SYNC RGB LED IC
12/11/08
M1360 MOSDESIGN-M1360 Datasheet
32Kb / 2P
HIGH VOLTAGE SYNC RGB LED IC
2005-04-28
M1361 MOSDESIGN-M1361 Datasheet
145Kb / 2P
HIGH VOLTAGE RGB LED IC
2011-07-27
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com