Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT540D Datasheet (PDF) - NXP Semiconductors

74ABT540D Datasheet PDF - NXP Semiconductors
Part # 74ABT540D
Download  74ABT540D Download
File Size   100.77 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal buffer, inverting 3-State

74ABT540D Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT540D Datasheet PDF - NXP Semiconductors

Part # 74ABT540D
Download  74ABT540D Click to download

File Size   100.77 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal buffer, inverting 3-State

74ABT540D Datasheet (HTML) - NXP Semiconductors


74ABT540D Product details

DESCRIPTION

The 74ABT540 high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive. The 74ABT540 device is an octal inverting buffer that is ideal for driving bus lines. The device features input and outputs on opposite sides of the package to facilitate printed circuit board layout.



FEATURES

•Octal bus interface

•3-State buffers

•Live insertion/extraction permitted

•Efficient pinout to facilitate PC board layout

•Output capability: +64mA/–32mA

•Latch-up protection exceeds 500mA per Jedec JC40.2 Std 17

•ESD protection exceeds 2000 V per MIL STD 883 Method 3015 and 200 V per Machine Model

•Power-up 3-State




Similar Part No. - 74ABT540D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT540D PHILIPS-74ABT540D Datasheet
111Kb / 10P
Octal buffer, inverting (3-State)
1998 Jan 16
74ABT540DB PHILIPS-74ABT540DB Datasheet
111Kb / 10P
Octal buffer, inverting (3-State)
1998 Jan 16
More results


Similar Description - 74ABT540D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC240 FAIRCHILD-MM74HC240_05 Datasheet
103Kb / 8P
Inverting Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_05 Datasheet
105Kb / 8P
Inverting Octal 3-STATE Buffer - Octal 3-STATE Buffer
logo
NXP Semiconductors
74ABT540 PHILIPS-74ABT540 Datasheet
111Kb / 10P
Octal buffer, inverting (3-State)
1998 Jan 16
logo
Fairchild Semiconductor
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
logo
ON Semiconductor
MM74HC540 ONSEMI-MM74HC540 Datasheet
206Kb / 9P
Inverting Octal 3-STATE Buffer
Revised May 2005
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com