Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C4M4F0 Datasheet (PDF) - Alliance Semiconductor Corporation

AS4C4M4F0 Datasheet PDF - Alliance Semiconductor Corporation
Part # AS4C4M4F0
Download  AS4C4M4F0 Download
File Size   274.56 Kbytes
Page   18 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 5V 4M횞4 CMOS DRAM (Fast Page mode)

AS4C4M4F0 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS4C4M4F0 Datasheet PDF - Alliance Semiconductor Corporation

Part # AS4C4M4F0
Download  AS4C4M4F0 Click to download

File Size   274.56 Kbytes
Page   18 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 5V 4M횞4 CMOS DRAM (Fast Page mode)

AS4C4M4F0 Datasheet (HTML) - Alliance Semiconductor Corporation


AS4C4M4F0 Product details

Functional description
The AS4C4M4F0 and AS4C4M4F1 are high performance 16-megabit CMOS Dynamic Random Access Memory (DRAM) devices organized as 4,194,304 words × 4 bits. The devices are fabricated using advanced CMOS technology and innovative design techniques resulting in high speed, extremely low power and wide operating margins at component and system levels. The Alliance 16Mb DRAM family is optimized for use as main memory in PC, workstation, router and switch applications.

Features
• Organization: 4,194,304 words × 4 bits
• High speed
    - 50/60 ns RAS access time
    - 25/30 ns column address access time
    - 12/15 ns CAS access time
• Low power consumption
    - Active: 908 mW max
    - Standby: 5.5 mW max, CMOS I/O
• Fast page mode
• Refresh
    - 4096 refresh cycles, 64 ms refresh interval for AS4C4M4F0
    - 2048 refresh cycles, 32 ms refresh interval for AS4C4M4F1
    - RAS-only or CAS-before-RAS refresh or self-refresh
• TTL-compatible, three-state I/O
• JEDEC standard package
    - 300 mil, 24/26-pin SOJ
    - 300 mil, 24/26-pin TSOP
• Latch-up current ≥ 200 mA
• ESD protection ≥ 2000 mV
• Industrial and commercial temperature available




Similar Part No. - AS4C4M4F0

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4C4M4 AUSTIN-AS4C4M4 Datasheet
2Mb / 19P
4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
AS4C4M4DG-6/IT AUSTIN-AS4C4M4DG-6/IT Datasheet
2Mb / 19P
4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
AS4C4M4DG-6/XT AUSTIN-AS4C4M4DG-6/XT Datasheet
2Mb / 19P
4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
AS4C4M4DG-7/IT AUSTIN-AS4C4M4DG-7/IT Datasheet
2Mb / 19P
4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
AS4C4M4DG-7/XT AUSTIN-AS4C4M4DG-7/XT Datasheet
2Mb / 19P
4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
More results


Similar Description - AS4C4M4F0

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
MT4C4004J MICRON-MT4C4004J Datasheet
887Kb / 12P
1 MEG x 4 DRAM 5V, QUAD CAS PARITY, FAST PAGE MODE
logo
Alliance Semiconductor ...
AS4C256K16FO ALSC-AS4C256K16FO Datasheet
526Kb / 25P
5V 256K X 16 CMOS DRAM (Fast Page Mode)
AS4LC4M4F1 ALSC-AS4LC4M4F1 Datasheet
272Kb / 14P
4M횞4 CMOS DRAM (Fast Page) 3.3V Family
logo
Austin Semiconductor
MT4C4001J AUSTIN-MT4C4001J Datasheet
251Kb / 20P
1 MEG x 4 DRAM Fast Page Mode DRAM
AS4LC4M4 AUSTIN-AS4LC4M4 Datasheet
2Mb / 19P
4M x 4 CMOS DRAM WITH FAST PAGE MODE, 3.3V
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
1 MEG x 4 DRAM Fast Page Mode DRAM
logo
Integrated Silicon Solu...
IS41C16105C ISSI-IS41C16105C Datasheet
712Kb / 20P
16Mb DRAM WITH FAST PAGE MODE
IS41C16257C ISSI-IS41C16257C Datasheet
361Kb / 20P
4Mb DRAM WITH FAST PAGE MODE
IS41C44052C ISSI-IS41C44052C Datasheet
411Kb / 17P
16Mb DRAM WITH FAST PAGE MODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com