Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3306 Datasheet (PDF) - Analog Devices

LTC3306 Datasheet PDF - Analog Devices
Part # LTC3306
Download  LTC3306 Download
File Size   1499.5 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.75A Synchronous Step-Down Regulator in 1.6mm × 1mm WLCSP

LTC3306 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3306 Datasheet PDF - Analog Devices

Part # LTC3306
Download  LTC3306 Click to download

File Size   1499.5 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.75A Synchronous Step-Down Regulator in 1.6mm × 1mm WLCSP

LTC3306 Datasheet (HTML) - Analog Devices


LTC3306 Product details

FEATURES
- VOUT Range: 0.5V to 3.65V
- 2MHz Switching Frequency
- Low Ripple Burst Mode® or Forced Continuous
Mode of Operation
- High Efficiency: 30mΩ NMOS, 100mΩ PMOS
- Peak Current Mode Control
- 22ns Minimum On-Time
- Wide Bandwidth, Fast Transient Response
- Safely Tolerates Inductor Saturation in Overload
- VIN Range: 2.25V to 5.5V
- VOUT Accuracy: ±1.0%
- Precision 400mV Enable Threshold
- Low Shutdown Current (1μA)
- Internal Compensation
- Internal Soft-Start
- Power Good Output
- Tiny WLCSP Package and Few Tiny External
Components Yield a Complete Solution Size of 9mm2

APPLICATIONS
- General Purpose, Industrial, GSM Supplies
- Distributed DC Power Systems (POL)
- FPGA, ASIC, μP Core Supplies




Similar Part No. - LTC3306

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3300-1 LINER-LTC3300-1 Datasheet
750Kb / 44P
High Effciency Bidirectional Multicell Battery Balancer
LTC3300-1 LINER-LTC3300-1_15 Datasheet
470Kb / 46P
High Efficiency Bidirectional Multicell Battery Balancer
LTC3300-2 LINER-LTC3300-2 Datasheet
473Kb / 42P
Addressable High Efficiency Bidirectional Multicell Battery Balancer
LTC3300-2 LINER-LTC3300-2_15 Datasheet
473Kb / 42P
Addressable High Efficiency Bidirectional Multicell Battery Balancer
logo
Analog Devices
LTC3302 AD-LTC3302 Datasheet
2Mb / 20P
5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
Rev. 0
More results


Similar Description - LTC3306

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3405 LINER-LTC3405_15 Datasheet
244Kb / 16P
1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405A LINER-LTC3405A_15 Datasheet
219Kb / 16P
1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB LINER-LTC3406AB_15 Datasheet
317Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB-2 LINER-LTC3406AB-2_15 Datasheet
322Kb / 16P
2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406 LINER-LTC3406_15 Datasheet
246Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.8 LINER-LTC3406-1.8_15 Datasheet
246Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
logo
Semtech Corporation
SC221 SEMTECH-SC221 Datasheet
921Kb / 14P
Synchronous Step-Down Regulator
logo
Bookly Micro electronic
BM1584 BOOKLY-BM1584 Datasheet
5Mb / 8P
Synchronous Step-Down Regulator
BM1588 BOOKLY-BM1588 Datasheet
1Mb / 6P
Synchronous Step-Down Regulator
BM1707 BOOKLY-BM1707 Datasheet
506Kb / 13P
Synchronous Step-Down Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com