Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT574A Datasheet (PDF) - NXP Semiconductors

74ABT574A Datasheet PDF - NXP Semiconductors
Part # 74ABT574A
Download  74ABT574A Download
File Size   50.6 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal D-type flip-flop 3-State

74ABT574A Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT574A Datasheet PDF - NXP Semiconductors

Part # 74ABT574A
Download  74ABT574A Click to download

File Size   50.6 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal D-type flip-flop 3-State

74ABT574A Datasheet (HTML) - NXP Semiconductors


74ABT574A Product details

DESCRIPTION

The 74ABT574A high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive.



FEATURES

• 74ABT574A is flow-through pinout version of 74ABT374

• Inputs and outputs on opposite side of package allow easy interface to microprocessors

• 3-State outputs for bus interfacing

• Power-up 3-State

• Power-up reset

• Common output enable

• Latch-up protection exceeds 500mA per Jedec Std 17

• ESD protection exceeds 2000 V per MIL STD 883 Method 3015 and 200 V per Machine Model

• Live insertion/extraction permitted.



 




Similar Part No. - 74ABT574A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT574 FAIRCHILD-74ABT574 Datasheet
120Kb / 10P
Octal D-Type Flip-Flop with 3-STATE Outputs
74ABT574 FAIRCHILD-74ABT574 Datasheet
123Kb / 10P
Octal D-Type Flip-Flop with 3-STATE Outputs
74ABT574CMSA FAIRCHILD-74ABT574CMSA Datasheet
120Kb / 10P
Octal D-Type Flip-Flop with 3-STATE Outputs
74ABT574CMSA FAIRCHILD-74ABT574CMSA Datasheet
123Kb / 10P
Octal D-Type Flip-Flop with 3-STATE Outputs
74ABT574CMTC FAIRCHILD-74ABT574CMTC Datasheet
120Kb / 10P
Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Similar Description - 74ABT574A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C373 FAIRCHILD-MM74C373 Datasheet
127Kb / 11P
3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
MM74HC374 FAIRCHILD-MM74HC374 Datasheet
89Kb / 7P
3-STATE Octal D-Type Flip-Flop
MM74HCT373 FAIRCHILD-MM74HCT373 Datasheet
108Kb / 9P
3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
logo
Integral Corp.
IN74VHCT374 INTEGRAL-IN74VHCT374 Datasheet
309Kb / 8P
Octal D-type flip-flop (3-state)
logo
Fairchild Semiconductor
MM74HC374 FAIRCHILD-MM74HC374_05 Datasheet
102Kb / 8P
3-STATE Octal D-Type Flip-Flop
logo
KODENSHI_AUK CORP.
KK74VHCT374 KODENSHI-KK74VHCT374 Datasheet
324Kb / 8P
Octal D-type flip-flop (3-state)
logo
IK Semicon Co., Ltd
IN74VHCT374 IKSEMICON-IN74VHCT374 Datasheet
312Kb / 8P
Octal D-type flip-flop (3-state)
logo
Texas Instruments
CD74AC574 TI-CD74AC574_13 Datasheet
1Mb / 17P
Octal D-Type Flip-Flop, 3-State
CD74AC574M TI-CD74AC574M Datasheet
1Mb / 17P
Octal D-Type Flip-Flop, 3-State
logo
ON Semiconductor
MM74HC374 ONSEMI-MM74HC374 Datasheet
209Kb / 10P
3-STATE Octal D-Type Flip-Flop
Revised May 2005
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com