Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS816272CC Datasheet (PDF) - GSI Technology

GS816272CC Datasheet PDF - GSI Technology
Part # GS816272CC
Download  GS816272CC Download
File Size   868.09 Kbytes
Page   31 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 256K x 72 18Mb S/DCD Sync Burst SRAMs

GS816272CC Datasheet (PDF)

Go To PDF Page Download Datasheet
GS816272CC Datasheet PDF - GSI Technology

Part # GS816272CC
Download  GS816272CC Click to download

File Size   868.09 Kbytes
Page   31 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 256K x 72 18Mb S/DCD Sync Burst SRAMs

GS816272CC Datasheet (HTML) - GSI Technology


GS816272CC Product details

Functional Description
Applications
The GS816272CC is an 18,874,368-bit high performance synchronous SRAM with a 2-bit burst address counter. Although of a type originally developed for Level 2 Cache applications supporting high performance CPUs, the device now finds application in synchronous SRAM applications, ranging from DSP main store to networking chip set support.

Features
• FT pin for user-configurable flow through or pipeline operation
• Single/Dual Cycle Deselect selectable
• IEEE 1149.1 JTAG-compatible Boundary Scan
• ZQ mode pin for user-selectable high/low output drive
• 2.5 V or 3.3 V +10%/–10% core power supply
• LBO pin for Linear or Interleaved Burst mode
• Internal input resistors on mode pins allow floating mode pins
• Default to SCD x18/x36 Interleaved Pipeline mode
• Byte Write (BW) and/or Global Write (GW) operation
• Internal self-timed write cycle
• Automatic power-down for portable applications
• JEDEC-standard 209-bump BGA package
• Pb-Free 209-bump BGA package available




Similar Part No. - GS816272CC

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS816272CC-150IV GSI-GS816272CC-150IV Datasheet
1Mb / 29P
256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816272CC-150V GSI-GS816272CC-150V Datasheet
1Mb / 29P
256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816272CC-200IV GSI-GS816272CC-200IV Datasheet
1Mb / 29P
256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816272CC-200V GSI-GS816272CC-200V Datasheet
1Mb / 29P
256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816272CC-250IV GSI-GS816272CC-250IV Datasheet
1Mb / 29P
256K x 72 18Mb S/DCD Sync Burst SRAMs
More results


Similar Description - GS816272CC

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS882V37AB GSI-GS882V37AB Datasheet
623Kb / 28P
256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS8162V72CC GSI-GS8162V72CC Datasheet
661Kb / 29P
256K x 72 18Mb S/DCD Sync Burst SRAMs
GS88418B GSI-GS88418B Datasheet
800Kb / 25P
512K x 18, 256K x 36 8Mb S/DCD Sync Burst SRAMs
GS816218B GSI-GS816218B Datasheet
1Mb / 41P
1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
GS816272C GSI-GS816272C Datasheet
1Mb / 31P
256K x 72 18Mb Sync Burst SRAMs
GS816272CC-V GSI-GS816272CC-V Datasheet
1Mb / 29P
256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816273C GSI-GS816273C Datasheet
516Kb / 25P
256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816273CC GSI-GS816273CC Datasheet
1Mb / 28P
256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816273CC-250V GSI-GS816273CC-250V Datasheet
1Mb / 28P
256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816218 GSI-GS816218 Datasheet
618Kb / 31P
1M x 18, 512K x 36 18Mb S/DCD Sync Burst SRAMs
More results




About GSI Technology


GSI Technology is a semiconductor company that designs, develops, and markets high-performance memory products for networking, telecommunications, and military applications. The company was founded in 1995 and is headquartered in Sunnyvale, California.

GSI Technology's products include static random-access memory (SRAM) devices, which are used for high-speed memory access in networking and telecommunications equipment, as well as in military and aerospace systems. The company's SRAMs feature low latency and high bandwidth, which makes them suitable for applications that require fast and reliable memory access.

In addition to its memory products, GSI Technology also offers customized solutions for customers with specific requirements. The company's design and development capabilities allow it to create products tailored to customer needs, including specialized memory architectures and custom packaging options.

GSI Technology has a global customer base, with products sold in North America, Asia, and Europe. The company's customers include original equipment manufacturers (OEMs) and other companies in the networking, telecommunications, military, and aerospace industries.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com