Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M18110 Datasheet (PDF) - MOSDESIGN SEMICONDUCTOR CORP

M18110 Datasheet PDF - MOSDESIGN SEMICONDUCTOR CORP
Part # M18110
Download  M18110 Download
File Size   30.86 Kbytes
Page   2 Pages
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP
Description 8 LEDS FLASH

M18110 Datasheet (PDF)

Go To PDF Page Download Datasheet
M18110 Datasheet PDF - MOSDESIGN SEMICONDUCTOR CORP

Part # M18110
Download  M18110 Click to download

File Size   30.86 Kbytes
Page   2 Pages
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP
Description 8 LEDS FLASH

M18110 Datasheet (HTML) - MOSDESIGN SEMICONDUCTOR CORP


M18110 Product details

FEATURES 功能敘述
‧ Rosc ext. / built-in available.
‧ Power-on blinking about 5 sec.
‧ Mode:OSH / LH select default LH. When no signal after 2 sec then LED off.
OSH:one-trigger-on section.
LH:auto change section.
‧ Motor:active high to driver motor ( 64 Hz carry ).
‧ On:connect to VDD LED steady on.
‧ VP:adjust the detector distance , recommend R = 2MΩ
R > 2M Ω, increase detector distance.
R < 2M Ω, decrease detector distance.
APPLICATION 產品應用
‧ Key chain , Mobile phone, Toys.




Similar Part No. - M18110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M18110 ETC-M18110 Datasheet
107Kb / 3P
8 LEDS FLASH
More results


Similar Description - M18110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M18110 ETC-M18110 Datasheet
107Kb / 3P
8 LEDS FLASH
logo
ATMEL Corporation
AT89C51RD2 ATMEL-AT89C51RD2 Datasheet
1Mb / 137P
8-bit Flash Microcontroller
logo
Silicon Storage Technol...
SST49LF080A SST-SST49LF080A Datasheet
579Kb / 49P
8 Mbit LPC Flash
SST49LF080A SST-SST49LF080A_06 Datasheet
589Kb / 49P
8 Mbit LPC Flash
logo
Microchip Technology
PIC12F519 MICROCHIP-PIC12F519 Datasheet
1Mb / 88P
8-Pin, 8-Bit Flash Microcontroller
2007
logo
List of Unclassifed Man...
TIP250 ETC2-TIP250 Datasheet
38Kb / 1P
8 Mbytes Flash Memory
logo
Microchip Technology
PIC12F519 MICROCHIP-PIC12F519_08 Datasheet
1Mb / 96P
8-Pin, 8-Bit Flash Microcontrollers
2008
PIC12LF1552 MICROCHIP-PIC12LF1552 Datasheet
4Mb / 260P
8-Pin Flash, 8-Bit Microcontrollers
2013
PIC12F1501 MICROCHIP-PIC12F1501 Datasheet
2Mb / 279P
8-Pin Flash, 8-Bit Microcontrollers
2011
PIC12F1501-I MICROCHIP-PIC12F1501-I Datasheet
3Mb / 278P
8-Pin Flash, 8-Bit Microcontrollers
08/02/11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com