Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M75210 Datasheet (PDF) - MOSDESIGN SEMICONDUCTOR CORP

M75210 Datasheet PDF - MOSDESIGN SEMICONDUCTOR CORP
Part # M75210
Download  M75210 Download
File Size   244.1 Kbytes
Page   8 Pages
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP
Description COST-EFFECTIVE PHOTOELECTRIC SMOKE DETECTOR

M75210 Datasheet (PDF)

Go To PDF Page Download Datasheet
M75210 Datasheet PDF - MOSDESIGN SEMICONDUCTOR CORP

Part # M75210
Download  M75210 Click to download

File Size   244.1 Kbytes
Page   8 Pages
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP
Description COST-EFFECTIVE PHOTOELECTRIC SMOKE DETECTOR

M75210 Datasheet (HTML) - MOSDESIGN SEMICONDUCTOR CORP


M75210 Product details

GENERAL DESCRIPTION
The M75210 is a very low-power IC providing all of the required features for a photoelectric type smoke detector. It is
designed for operate at supply voltage as low as 2.7V and suited to 3V Lithium battery powered application. A variable-gain
photo amplifier can be directly interfaced to an infrared emitter / detector pair. The amplifier gain levels are determined by
two external capacitors that are then internally selected depending on the operating mode. Low gain is selected during standby.
During a local alarm this low gain is increased (internally) by ~ 10% to reduce false triggering. High gain is used during the
push-button test and during standby to periodically monitor the chamber sensitivity. The internal oscillator and timing
circuitry keeps standby power to a minimum by sensing for smoke every 10 seconds in a 100 μs window.
FEATURES
‧ Operating voltage range 2.7V ~ 5V
‧ Local or Remote Smoke Alarm output.
‧ Low-Battery Trip Point Set Externally
‧ Power-on Reset.
‧ Built-in circuits to reduce false triggering.
‧ Average Supply Current: 4μA @VDD=3.0V
‧ ESD-Protection circuitry on all pins.
APPLICATIONS
‧ Smoke detector.




Similar Part No. - M75210

ManufacturerPart #DatasheetDescription
logo
Enercon Technologies Eu...
M7525 ENERCON-M7525 Datasheet
759Kb / 14P
M7525 SERIES DC/DC POWER SUPPLY
Oct 11, 2021
M7528 ENERCON-M7528 Datasheet
747Kb / 11P
SINGLE-OUTPUT, 1000W DC TO DC BASEPLATE COOLED POWER SUPPLY
Mar 6, 2024
M7528-101 ENERCON-M7528-101 Datasheet
747Kb / 11P
SINGLE-OUTPUT, 1000W DC TO DC BASEPLATE COOLED POWER SUPPLY
Mar 6, 2024
M7528-102 ENERCON-M7528-102 Datasheet
747Kb / 11P
SINGLE-OUTPUT, 1000W DC TO DC BASEPLATE COOLED POWER SUPPLY
Mar 6, 2024
M7528-103 ENERCON-M7528-103 Datasheet
747Kb / 11P
SINGLE-OUTPUT, 1000W DC TO DC BASEPLATE COOLED POWER SUPPLY
Mar 6, 2024
More results


Similar Description - M75210

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS235 CHERRY-CS235 Datasheet
147Kb / 6P
System Photoelectric Smoke Detector
Rev. 7/6/98
logo
List of Unclassifed Man...
M75010 ETC1-M75010 Datasheet
168Kb / 10P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
logo
SHANGHAI BELLING CO., L...
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
PHOTOELECTRIC SMOKE DETECTOR IC
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
PHOTOELECTRIC SMOKE DETECTOR IC
logo
List of Unclassifed Man...
M75012 ETC2-M75012 Datasheet
166Kb / 10P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
logo
Systemsensor advanced i...
FTX-P1 SYSTEMSENSOR-FTX-P1 Datasheet
79Kb / 2P
Intelligent Photoelectric Smoke Detector
logo
Gamewell-FCI by Honeywe...
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
Photoelectric smoke detector
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
Photoelectric Smoke Detector AFE IC
Jun 27, 2022
logo
MOSDESIGN SEMICONDUCTOR...
M75110 MOSDESIGN-M75110 Datasheet
166Kb / 8P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2010-07-14
M75310 MOSDESIGN-M75310 Datasheet
124Kb / 8P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2012-03-28
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com