Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBG-ISO-M Datasheet (PDF) - Coolgear Inc.

USBG-ISO-M Datasheet PDF - Coolgear Inc.
Part # USBG-ISO-M
Download  USBG-ISO-M Download
File Size   124.87 Kbytes
Page   2 Pages
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.
Description USB Isolator 3000 Vrms Rugged Metal Chassis

USBG-ISO-M Datasheet (PDF)

Go To PDF Page Download Datasheet
USBG-ISO-M Datasheet PDF - Coolgear Inc.

Part # USBG-ISO-M
Download  USBG-ISO-M Click to download

File Size   124.87 Kbytes
Page   2 Pages
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.
Description USB Isolator 3000 Vrms Rugged Metal Chassis

USBG-ISO-M Datasheet (HTML) - Coolgear Inc.


USBG-ISO-M Product details

Features
• Isolates and protects any USB devices from a USB Host
• Electrical isolation up to 3000 Vrms upstream to downstream USB port
• Common mode filtering on all data lines
• 5V isolated pass-thru power up to 420 mA to downstream device
• Support USB 2.0 full speed 12 Mbps by default setting
• USB 1.1 low speed 1.5 Mbps data rate selectable by jumpers
• High speed USB devices works in full speed mode
• No software or drivers installation required
• Short circuit protection
• LED for power indication.
• Wide ambient temperature operation -40 to 70°C (-40 to 158°F)
• USB bus-powered
• Packed in rugged metal case with USB cable securely locked to the case
• Metal case with DIN rail brackets
• RoHS and RoHS2 compliant




Similar Part No. - USBG-ISO-M

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
USBG-10XU1 COOLGEAR-USBG-10XU1 Datasheet
123Kb / 2P
USB 2.0 10-Port Industrial High Power 2.1A Charger Hub
USBG-12U2ML COOLGEAR-USBG-12U2ML Datasheet
125Kb / 3P
Industrial 12-Port USB 2.0 Powered Hub for PC- MAC DIN-RAIL Mount
USBG-12U3ML COOLGEAR-USBG-12U3ML Datasheet
2Mb / 3P
Industrial 12-Port USB 3.0 Powered Hub for PC-MAC DIN-RAIL Mount
Rev 04.220317
USBG-20XU1 COOLGEAR-USBG-20XU1 Datasheet
123Kb / 2P
USB 2.0 20-Port Industrial High Power Charger Hub 1.1A
USBG-232 COOLGEAR-USBG-232 Datasheet
98Kb / 1P
USB RS-232 Single Port Serial Adapter works with all Windows and Mac
More results


Similar Description - USBG-ISO-M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4160 AD-ADUM4160_09 Datasheet
302Kb / 16P
Full/Low Speed USB Digital Isolator
REV. A
logo
Amphenol Corporation
S6056C AMPHENOL-S6056C Datasheet
227Kb / 3P
MUSBR Rugged USB
logo
Samtec, Inc
USB-A-S-F-B-TH SAMTEC-USB-A-S-F-B-TH Datasheet
704Kb / 1P
STANDARD & RUGGED USB 2.0
USBR-A-S-F-O-TH SAMTEC-USBR-A-S-F-O-TH Datasheet
731Kb / 1P
STANDARD & RUGGED USB 2.0
logo
American Zettler, Inc.
AZ888 AZETTLER-AZ888 Datasheet
1Mb / 4P
Dielectric strength 3000 Vrms
logo
Rohm
BM67220FV-C ROHM-BM67220FV-C Datasheet
2Mb / 28P
High Speed Digital Isolator 2500 Vrms 2ch
logo
Vishay Siliconix
157 VISHAY-157 Datasheet
126Kb / 4P
7/8" (22.2 mm) Precision Industrial Potentiometer, Bushing And Servo Mount Versions, Conductive Plastic
06-Nov-15
logo
Advantech Co., Ltd.
BB-UH401 ADVANTECH-BB-UH401 Datasheet
219Kb / 1P
Single Port, Compact USB Isolator
27-Nov-2019
logo
Samtec, Inc
USB-B SAMTEC-USB-B Datasheet
142Kb / 1P
STANDARD & RUGGED USB 2.0
logo
Advantech Co., Ltd.
BB-UH401-2KV ADVANTECH-BB-UH401-2KV Datasheet
494Kb / 2P
Single Port, Compact USB Isolator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com