Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7812BI Datasheet (PDF) - Hi-Sincerity Mocroelectronics

H7812BI Datasheet PDF - Hi-Sincerity Mocroelectronics
Part # H7812BI
Download  H7812BI Download
File Size   142.74 Kbytes
Page   12 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description 3-TERMINAL POSITIVE VOLTAGE REGULATORS

H7812BI Datasheet (PDF)

Go To PDF Page Download Datasheet
H7812BI Datasheet PDF - Hi-Sincerity Mocroelectronics

Part # H7812BI
Download  H7812BI Click to download

File Size   142.74 Kbytes
Page   12 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description 3-TERMINAL POSITIVE VOLTAGE REGULATORS

H7812BI Datasheet (HTML) - Hi-Sincerity Mocroelectronics


H7812BI Product details

Description
The H78XX series can provide local on-card regulation, eliminating the distribution problems associated with single point regulation. Each employs internal current limiting, thermal shut-down and safe operating area protection, making it essentially indestructible. If adequate heat sinking is provided, they can deliver over 1A output current. Although designed primarily as fixed voltage regulators, these devices can be used with external components to obtain adjustable voltages and currents.

Features
• Output Current In Excess of 1A
• Output Voltages of 5V, 6V, 8V, 9V, 12V
• Internal Short-Circuit Current Limiting & Thermal Overload Protection
• Guaranteed In Extended Temperature Range




Similar Part No. - H7812BI

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7812BI HSMC-H7812BI Datasheet
38Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Similar Description - H7812BI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
3-Terminal Positive Voltage Regulators
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results




About Hi-Sincerity Mocroelectronics


Hi-Sincerity Microelectronics is a semiconductor company based in Taiwan that designs and manufactures a wide range of analog and mixed-signal integrated circuits (ICs) for various applications. The company was founded in 1998 and has since become a leading provider of analog ICs in Asia.

Hi-Sincerity's product portfolio includes power management ICs, audio amplifiers, LED drivers, motor controllers, and other analog and mixed-signal ICs. The company's products are used in a variety of end markets, including consumer electronics, automotive, industrial, and communication systems.

One of Hi-Sincerity's strengths is its ability to develop customized solutions for customers with specific requirements. The company has a team of experienced engineers who work closely with customers to understand their needs and develop tailored solutions that meet their specifications.

In addition to its design and development capabilities, Hi-Sincerity also has strong manufacturing capabilities. The company operates a modern semiconductor fabrication facility in Taiwan that is capable of producing a wide range of analog and mixed-signal ICs using advanced process technologies.

Hi-Sincerity is committed to quality and reliability, and its products are widely recognized for their performance and reliability. The company has received numerous awards and certifications for its quality management systems and environmental management systems, including ISO 9001, ISO 14001, and IATF 16949.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com