Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSB1386J Datasheet (PDF) - Hi-Sincerity Mocroelectronics

HSB1386J Datasheet PDF - Hi-Sincerity Mocroelectronics
Part # HSB1386J
Download  HSB1386J Download
File Size   49.44 Kbytes
Page   4 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description LOW FREQUENCY TRANSISTOR (-20V, -4A)

HSB1386J Datasheet (PDF)

Go To PDF Page Download Datasheet
HSB1386J Datasheet PDF - Hi-Sincerity Mocroelectronics

Part # HSB1386J
Download  HSB1386J Click to download

File Size   49.44 Kbytes
Page   4 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description LOW FREQUENCY TRANSISTOR (-20V, -4A)

HSB1386J Datasheet (HTML) - Hi-Sincerity Mocroelectronics


HSB1386J Product details

Features
• Low VCE(sat).
   VCE(sat)=-0.55V(Typ.) (IC/IB=-4A/-0.1A)
• Excellent DC current gain characteristics.

Structure
   Epitaxial planar type PNP silicon transistor




Similar Part No. - HSB1386J

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSB1386A HSMC-HSB1386A Datasheet
48Kb / 4P
LOW FREQUENCY TRANSISTOR (-20V, -4A)
HSB1386I HSMC-HSB1386I Datasheet
45Kb / 4P
LOW FREQUENCY TRANSISTOR (-20V,-4A)
More results


Similar Description - HSB1386J

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1386 ROHM-2SB1386 Datasheet
107Kb / 5P
Low Frequency Transistor(-20V,-5A)
2SD2150 ROHM-2SD2150 Datasheet
100Kb / 4P
Low Frequency Transistor(20V, 3A)
logo
Hi-Sincerity Mocroelect...
HSB1386I HSMC-HSB1386I Datasheet
45Kb / 4P
LOW FREQUENCY TRANSISTOR (-20V,-4A)
logo
Rohm
2SC4115S ROHM-2SC4115S Datasheet
96Kb / 4P
Low Frequency Transistor (20V, 3A)
2SD2264 ROHM-2SD2264 Datasheet
99Kb / 4P
Low Frequency Transistor (20V,3A)
logo
Hi-Sincerity Mocroelect...
HSB1386A HSMC-HSB1386A Datasheet
48Kb / 4P
LOW FREQUENCY TRANSISTOR (-20V, -4A)
logo
Rohm
2SC4115S ROHM-2SC4115S_09 Datasheet
165Kb / 3P
Low Frequency Transistor (20V, 3A)
2SD2150T100R ROHM-2SD2150T100R Datasheet
113Kb / 3P
Low Frequency Transistor (20V, 3A)
2SC4115STPR ROHM-2SC4115STPR Datasheet
165Kb / 3P
Low Frequency Transistor (20V, 3A)
2SD2150T100S ROHM-2SD2150T100S Datasheet
113Kb / 3P
Low Frequency Transistor (20V, 3A)
More results




About Hi-Sincerity Mocroelectronics


Hi-Sincerity Microelectronics is a semiconductor company based in Taiwan that designs and manufactures a wide range of analog and mixed-signal integrated circuits (ICs) for various applications. The company was founded in 1998 and has since become a leading provider of analog ICs in Asia.

Hi-Sincerity's product portfolio includes power management ICs, audio amplifiers, LED drivers, motor controllers, and other analog and mixed-signal ICs. The company's products are used in a variety of end markets, including consumer electronics, automotive, industrial, and communication systems.

One of Hi-Sincerity's strengths is its ability to develop customized solutions for customers with specific requirements. The company has a team of experienced engineers who work closely with customers to understand their needs and develop tailored solutions that meet their specifications.

In addition to its design and development capabilities, Hi-Sincerity also has strong manufacturing capabilities. The company operates a modern semiconductor fabrication facility in Taiwan that is capable of producing a wide range of analog and mixed-signal ICs using advanced process technologies.

Hi-Sincerity is committed to quality and reliability, and its products are widely recognized for their performance and reliability. The company has received numerous awards and certifications for its quality management systems and environmental management systems, including ISO 9001, ISO 14001, and IATF 16949.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com