Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC9151FT Datasheet (PDF) - Toshiba Semiconductor

74VHC9151FT Datasheet PDF - Toshiba Semiconductor
Part # 74VHC9151FT
Download  74VHC9151FT Download
File Size   211.25 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHC9151FT Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC9151FT Datasheet PDF - Toshiba Semiconductor

Part # 74VHC9151FT
Download  74VHC9151FT Click to download

File Size   211.25 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHC9151FT Datasheet (HTML) - Toshiba Semiconductor


74VHC9151FT Product details

Functional Description
74VHC9151FT: 9-BIT SCHMITT BUFFER
74VHC9152FT: 9-BIT SCHMITT INVERTER

General
The 74VHC9151FT/74VHC9152FT are an ultra-high-speed 9-bit Schmitt Buffer / Inverter fabricated using
silicon-gate CMOS technology. The 74VHC9151FT/74VHC9152FT combines low power consumption of CMOS
with Schottky TTL speeds.
74VHC9151FT output is a non-inverting type and the 74VHC9152FT output is an inverting type.
All the inputs have hysteresis between the positive-going and negative-going thresholds. Thus the
74VHC9151FT/74VHC9152FT are capable of squaring up transitions of slowly changing input signals and
provides an improved noise immunity.
Additionally, all the inputs have a newly developed protection circuit without a diode returned to VCC. This
enables the inputs to be tolerant of up to 5 volts even when power supply is down.
The input power-down protection capability makes the 74VHC9151FT/74VHC9152FT ideal for a wide range of
applications, such as interfacing between different voltages, voltage translation from 5 V to 3 V and battery backup
circuits.

Features
(1) AEC-Q100 (Rev. H) (Note 1)
(2) Wide operating temperature range: Topr = -40 to 125 
(3) High speed: tpd = 3.6 ns (typ.) at VCC = 5.0 V
(4) Low power dissipation: ICC = 4.0 μA (max) at Ta = 25 
(5) Power down protection is provided on all inputs.
(6) Balanced propagation delays: tPLH ≈ tPHL
(7) Wide operating voltage range: VCC(opr) = 2.0 V to 5.5 V




Similar Part No. - 74VHC9151FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
74VHC9151FT TOSHIBA-74VHC9151FT Datasheet
212Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
18-Jun-2018
More results


Similar Description - 74VHC9151FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
19-Oct-2007
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
18-Aug-2016
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
13-Sep-2022
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
21-Oct-2022
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
21-Oct-2022
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
04-Oct-2022
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com