Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC9595FT Datasheet (PDF) - Toshiba Semiconductor

74VHC9595FT Datasheet PDF - Toshiba Semiconductor
Part # 74VHC9595FT
Download  74VHC9595FT Download
File Size   208.95 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHC9595FT Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC9595FT Datasheet PDF - Toshiba Semiconductor

Part # 74VHC9595FT
Download  74VHC9595FT Click to download

File Size   208.95 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHC9595FT Datasheet (HTML) - Toshiba Semiconductor


74VHC9595FT Product details

Functional Description
• 8-Bit Shift Register/Latch

General
The 74VHC9595FT is an advanced high speed 8-BIT SHIFT REGISTER/LATCH fabricated with silicon gate
C2MOS technology.
74VHC9595FT combines low power consumption of CMOS with Schottky TTL speeds.
Shift operation is accomplished on the positive going transition of the SCK input. The output register is loaded
with the contents of the shift register on the positive going transition of the RCK input. Since RCK and SCK
signal are independent, parallel outputs can be held stable during the shift operation.
This register can be used in serial-to-parallel conversion, data receivers, etc.
All the inputs have hysteresis between the positive-going and negative-going thresholds. Thus the 74VHC9595FT
is capable of squaring up transitions of slowly changing input signals and provides an improved noise immunity.
Additionally, all the inputs have a newly developed protection circuit without a diode returned to VCC. This
enables the inputs to be tolerant of up to 5.5 volts even when power supply is down.
The input power-down protection capability makes the 74VHC9595FT ideal for a wide range of applications, such
as interfacing between different voltages, voltage translation from 5 V to 3 V and battery back-up circuits.
A variant of the TC 74HC/VHC/AHC/LV595, the 74VHC9595FT contains negative-edge-triggered flip-flops to
improve timing margins that are affected by long wires or slowly changing clocks when multiple parts are cascaded
together.

Features
(1) AEC-Q100 (Rev. H) (Note 1)
(2) Wide operating temperature range: Topr = -40 to 125 
(3) High speed: fMAX = 224 MHz (typ.) at VCC = 5.0 V
(4) Low power dissipation: ICC = 4.0 μA (max) at Ta = 25 
(5) Power-down protection is provided on all inputs.
(6) Balanced propagation delays: tPLH ≈ tPHL
(7) Wide operating voltage range: VCC(opr) = 2.0 V to 5.5 V




Similar Part No. - 74VHC9595FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
74VHC9541FT TOSHIBA-74VHC9541FT Datasheet
208Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
18-Jun-2018
More results


Similar Description - 74VHC9595FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
19-Oct-2007
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
18-Aug-2016
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
13-Sep-2022
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
21-Oct-2022
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
21-Oct-2022
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
04-Oct-2022
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com