Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHCT245AFT Datasheet (PDF) - Toshiba Semiconductor

74VHCT245AFT Datasheet PDF - Toshiba Semiconductor
Part # 74VHCT245AFT
Download  74VHCT245AFT Download
File Size   176.64 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHCT245AFT Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHCT245AFT Datasheet PDF - Toshiba Semiconductor

Part # 74VHCT245AFT
Download  74VHCT245AFT Click to download

File Size   176.64 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHCT245AFT Datasheet (HTML) - Toshiba Semiconductor


74VHCT245AFT Product details

Functional Description
• Octal Bus Transceiver

General
The 74VHCT245AFT is an advanced high speed CMOS OCTAL BUS TRANSCEIVER fabricated with silicon
gate C2MOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while
maintaining the CMOS low power dissipation.
It is intended for two-way asynchronous communication between data busses. The direction of data transmission
is determined by the level of the DIR input.
The enable input (G) can be used to disable the device so that the busses are effectively isolated.
The input voltage are compatible with TTL output voltage.
This device may be used as a level converter for interfacing 3.3 V to 5 V system.
Input protection and output circuit ensure that 0 V to 5.5 V can be applied to the input and output (Note) pins
without regard to the supply voltage. These structure prevents device destruction due to mismatched supply and
input/output voltages such as battery back up, etc.
Note: Output in off-state

Features (Note)
(1) AEC-Q100 (Rev. H) (Note 1)
(2) Wide operating temperature : Topr = -40  to 125 
(3) High speed: Propagation delay time = 4.9 ns (typ.) at VCC = 5.0 V
(4) Quiescent supply current: ICC = 4.0 μA (max) at Ta = 25 
(5) Compatible with TTL inputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
(6) Power-down protection is provided on all inputs and outputs
(7) Balanced propagation delays: tPLH ≈ tPHL
(8) Low noise: VOLP = 1.5 V (max)
(9) Pin and function compatible with the 74 series (74ACT/HCT/AHCT etc.) 245 type.




Similar Part No. - 74VHCT245AFT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
OCTAL BUS TRANSCEIVER 3-STATE
Aug-1999
logo
Fairchild Semiconductor
74VHCT245A FAIRCHILD-74VHCT245A Datasheet
99Kb / 8P
Octal Buffer/Line Driver with 3-STATE Outputs
74VHCT245A FAIRCHILD-74VHCT245A Datasheet
88Kb / 6P
Octal Buffer/Line Driver with 3-STATE Outputs
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
299Kb / 13P
OCTAL BUS TRANSCEIVER (3-STATE)
16-Dec-2004
logo
ON Semiconductor
74VHCT245A ONSEMI-74VHCT245A Datasheet
240Kb / 11P
Octal Buffer/Line Driver
May 2007 Rev. 1.3
More results


Similar Description - 74VHCT245AFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com