Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP171J Datasheet (PDF) - Toshiba Semiconductor

TLP171J Datasheet PDF - Toshiba Semiconductor
Part # TLP171J
Download  TLP171J Download
File Size   219.82 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Photorelay

TLP171J Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP171J Datasheet PDF - Toshiba Semiconductor

Part # TLP171J
Download  TLP171J Click to download

File Size   219.82 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Photorelay

TLP171J Datasheet (HTML) - Toshiba Semiconductor


TLP171J Product details

Applications
• Mechanical relay replacements
• Security Systems
• Private Branch Exchanges (PBXs)
• Set-Top Boxes (STBs)
• Measuring Instruments

General
The TLP171J photorelay consists of a photo MOSFET optically coupled to an infrared LED. It is housed in a 4-
pin package with 2.54-mm lead pitch and 2.1-mm height. This photorelay requires 0.2 mA of LED current to turn
it on. It is suitable for applications that need electrical power savings.

Features
(1) Package: SOP(2.54SOP4) (Height 2.1 mm, pitch 2.54 mm)
(2) Normally opened (1-Form-A)
(3) OFF-state output terminal voltage: 600 V (min)
(4) Trigger LED current: 0.1 mA (max)(t≤1s)
0.2 mA (max)(t >1 s)
(5) ON-state current: 70 mA (max)
(6) ON-state resistance: 60 Ω (max)
(7) Isolation voltage: 1500 Vrms (min)
(8) Safety Standards
UL-recognized: UL 1577, File No.E67349
cUL-recognized: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN 60747-5-5 (Note 1)




Similar Part No. - TLP171J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP171A TOSHIBA-TLP171A Datasheet
218Kb / 7P
Photocouplers Photorelay
2019-10-11 Rev.4.0
TLP171D TOSHIBA-TLP171D Datasheet
219Kb / 7P
Photocouplers Photorelay
2019-10-11 Rev.4.0
TLP171GA TOSHIBA-TLP171GA Datasheet
220Kb / 8P
Photocouplers Photorelay
2019-10-11 Rev.4.0
More results


Similar Description - TLP171J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP171D TOSHIBA-TLP171D Datasheet
219Kb / 7P
Photocouplers Photorelay
2019-10-11 Rev.4.0
TLP172GM TOSHIBA-TLP172GM Datasheet
303Kb / 11P
Photocouplers Photorelay
2021-05-28 Rev.10.0
TLP223GA TOSHIBA-TLP223GA Datasheet
597Kb / 18P
Photocouplers Photorelay
2022-02-02 Rev.4.0
TLP240GA TOSHIBA-TLP240GA Datasheet
408Kb / 19P
Photocouplers Photorelay
2020-02-04 Rev.8.0
TLP3109A TOSHIBA-TLP3109A Datasheet
314Kb / 10P
Photocouplers Photorelay
2022-04-12 Rev.3.0
TLP3146 TOSHIBA-TLP3146 Datasheet
322Kb / 8P
Photocouplers Photorelay
2018-06-28 Rev.1.0
TLP3407SRA4 TOSHIBA-TLP3407SRA4 Datasheet
545Kb / 12P
Photocouplers Photorelay
2021-09-10 Rev.1.0
TLP3419 TOSHIBA-TLP3419 Datasheet
300Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3420 TOSHIBA-TLP3420 Datasheet
301Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3451 TOSHIBA-TLP3451 Datasheet
295Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com