Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHCT126 Datasheet (PDF) - NXP Semiconductors

74AHCT126 Datasheet PDF - NXP Semiconductors
Part # 74AHCT126
Download  74AHCT126 Download
File Size   78.05 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad buffer/line driver; 3-state

74AHCT126 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHCT126 Datasheet PDF - NXP Semiconductors

Part # 74AHCT126
Download  74AHCT126 Click to download

File Size   78.05 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad buffer/line driver; 3-state

74AHCT126 Datasheet (HTML) - NXP Semiconductors


74AHCT126 Product details

DESCRIPTION
The 74AHC/AHCT126 are high-speed Si-gate CMOS devices and are pin compatible with low power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard No. 7A.

FEATURES
• ESD protection:
    HBM EIA/JESD22-A114-A exceeds 2000 V
    MM EIA/JESD22-A115-A exceeds 200 V
    CDM EIA/JESD22-C101 exceeds 1000 V
• Balanced propagation delays
• All inputs have Schmitt-trigger actions
• Inputs accepts voltages higher than VCC
• For AHC only: operates with CMOS input levels
• For AHCT only: operates with TTL input levels
• Specified from −40 to +85 and +125 °C.




Similar Part No. - 74AHCT126

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT126 NXP-74AHCT126 Datasheet
99Kb / 15P
Quad buffer/line driver; 3-state
Rev. 04-12 August 2009
logo
Diodes Incorporated
74AHCT126 DIODES-74AHCT126 Datasheet
311Kb / 8P
QUADRUPLE 3-STATE BUFFERS OE HIGH
Rev 2
logo
Nexperia B.V. All right...
74AHCT126 NEXPERIA-74AHCT126 Datasheet
251Kb / 15P
Quad buffer/line driver; 3-state
Rev. 5 - 28 April 2020
74AHCT126-Q100 NEXPERIA-74AHCT126-Q100 Datasheet
715Kb / 16P
Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74AHCT126BQ NXP-74AHCT126BQ Datasheet
99Kb / 15P
Quad buffer/line driver; 3-state
Rev. 04-12 August 2009
More results


Similar Description - 74AHCT126

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC125 PHILIPS-74AHC125 Datasheet
78Kb / 16P
Quad buffer/line driver; 3-state
1999 Sep 27
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
Quad buffer/line driver; 3-state
December 1990
74LV125 PHILIPS-74LV125 Datasheet
111Kb / 12P
Quad buffer/line driver 3-State
1998 Apr 28
74LV126 PHILIPS-74LV126 Datasheet
112Kb / 12P
Quad buffer/line driver 3-State
1998 Apr 28
74HC125D NXP-74HC125D Datasheet
41Kb / 6P
Quad buffer/line driver; 3-state
December 1990
74VHC_VHCT125 PHILIPS-74VHC_VHCT125_15 Datasheet
464Kb / 15P
Quad buffer/line driver; 3-state
Rev. 02-13 October 2009
74VHC_VHCT126 PHILIPS-74VHC_VHCT126_15 Datasheet
98Kb / 15P
Quad buffer/line driver; 3-state
Rev. 01-13 August 2009
logo
Nexperia B.V. All right...
74AHC125-Q100 NEXPERIA-74AHC125-Q100 Datasheet
822Kb / 17P
Quad buffer/line driver; 3-state
74ALVC125-Q100 NEXPERIA-74ALVC125-Q100 Datasheet
804Kb / 15P
Quad buffer/line driver 3-state
74ALVC125 NEXPERIA-74ALVC125 Datasheet
242Kb / 13P
Quad buffer/line driver; 3-state
Rev. 4 - 30 April 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com