Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-VSK.230..PBF Datasheet (PDF) - Vishay Siliconix

VS-VSK.230..PBF Datasheet PDF - Vishay Siliconix
Part # VS-VSK.230..PBF
Download  VS-VSK.230..PBF Download
File Size   169.41 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A

VS-VSK.230..PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-VSK.230..PBF Datasheet PDF - Vishay Siliconix

Part # VS-VSK.230..PBF
Download  VS-VSK.230..PBF Click to download

File Size   169.41 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A

VS-VSK.230..PBF Datasheet (HTML) - Vishay Siliconix


VS-VSK.230..PBF Product details

FEATURES
• High voltage
• Electrically isolated base plate
• 3500 VRMS isolating voltage
• Industrial standard package
• Simplified mechanical designs, rapid assembly
• High surge capability
• Large creepage distances
• UL approved file E78996
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VS-VSK.230..PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF Datasheet
168Kb / 9P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
12-Nov-2018
More results


Similar Description - VS-VSK.230..PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK IRF-IRK Datasheet
150Kb / 6P
SCR / SCR and SCR / DIODE MAGN-A-pak Power Modules
logo
Vishay Siliconix
VSKT170 VISHAY-VSKT170_10 Datasheet
311Kb / 12P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
02-Jul-10
VSKT230 VISHAY-VSKT230 Datasheet
345Kb / 8P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
02-Jul-10
IRKT250-14 VISHAY-IRKT250-14 Datasheet
313Kb / 12P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
02-Jul-10
VS-VSK.230PBF VISHAY-VS-VSK.230PBF Datasheet
186Kb / 9P
SCR / SCR and SCR / Diode (MAGN-A-PAK Power Modules), 230 A
27-Apr-17
VS-VSK170PBF VISHAY-VS-VSK170PBF_V01 Datasheet
274Kb / 12P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A, 250 A
12-Nov-2018
VS-VSK230PBF VISHAY-VS-VSK230PBF_V01 Datasheet
170Kb / 9P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
12-Nov-2018
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF Datasheet
168Kb / 9P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
12-Nov-2018
VS-VSKH320-16PBF VISHAY-VS-VSKH320-16PBF Datasheet
206Kb / 8P
SCR/Diode (MAGN-A-PAK Power Modules), 320 A
26-Jul-2018
VS-VSK.170PBF VISHAY-VS-VSK.170PBF_V02 Datasheet
273Kb / 12P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A, 250 A
12-Nov-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com