Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC1G32 Datasheet (PDF) - NXP Semiconductors

74AHC1G32 Datasheet PDF - NXP Semiconductors
Part # 74AHC1G32
Download  74AHC1G32 Download
File Size   80.59 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2-input OR gate

74AHC1G32 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC1G32 Datasheet PDF - NXP Semiconductors

Part # 74AHC1G32
Download  74AHC1G32 Click to download

File Size   80.59 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2-input OR gate

74AHC1G32 Datasheet (HTML) - NXP Semiconductors


74AHC1G32 Product details

DESCRIPTION
The 74AHC1G/AHCT1G32 is a high-speed Si-gate CMOS device.
The 74AHC1G/AHCT1G32 provides the 2-input OR function.

FEATURES
• Symmetrical output impedance
• High noise immunity
• ESD protection:
   – HBM EIA/JESD22-A114-A exceeds 2000 V
   – MM EIA/JESD22-A115-A exceeds 200 V
   – CDM EIA/JESD22-C101 exceeds 1000 V.
• Low power dissipation
• Balanced propagation delays
• Multiple very small 5-pin packages
• Output capability: standard
• Specified from −40 to +125 °C.




Similar Part No. - 74AHC1G32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
74Kb / 16P
2-input OR gate
2002 Jun 05
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
2-input OR gate
Rev. 07-14 May 2009
logo
Diodes Incorporated
74AHC1G32 DIODES-74AHC1G32 Datasheet
181Kb / 8P
SINGLE 2 INPUT POSITIVE OR GATE
Rev 1
logo
Nexperia B.V. All right...
74AHC1G32 NEXPERIA-74AHC1G32 Datasheet
215Kb / 11P
2-input OR gate
Rev. 10 - 11 January 2022
logo
TECH PUBLIC Electronics...
74AHC1G32 TECHPUBLIC-74AHC1G32 Datasheet
1Mb / 6P
SINGLE 2-INPUT POSITIVE-OR GATE
More results


Similar Description - 74AHC1G32

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
2-input OR Gate
logo
NXP Semiconductors
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
2-input OR gate
Rev. 07-14 May 2009
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
2-INPUT OR GATE
logo
First Silicon Co., Ltd
FC74VHC1G32 FS-FC74VHC1G32 Datasheet
399Kb / 4P
2-Input OR Gate
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com