Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC244 Datasheet (PDF) - NXP Semiconductors

74AHC244 Datasheet PDF - NXP Semiconductors
Part # 74AHC244
Download  74AHC244 Download
File Size   80.83 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal buffer/line driver; 3-state

74AHC244 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC244 Datasheet PDF - NXP Semiconductors

Part # 74AHC244
Download  74AHC244 Click to download

File Size   80.83 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal buffer/line driver; 3-state

74AHC244 Datasheet (HTML) - NXP Semiconductors


74AHC244 Product details

DESCRIPTION
The 74AHC/AHCT244 is a high-speed Si-gate CMOS device. The 74AHC/AHCT244 is an octal non-inverting buffer/line driver with 3-state outputs. The 3-state outputs are controlled by the outputs enable inputs 1OE and 2OE. A HIGH on nOE causes the outputs to assume a high-impedance OFF state.

FEATURES
• ESD protection:
   HBM EIA/JESD22-A114-A exceeds 2000 V
   MM EIA/JESD22-A115-A exceeds 200 V
   CDM EIA/JESD22-C101 exceeds 1000 V
• Balanced propagation delays
• All inputs have a Schmitt-trigger action
• Inputs accepts voltages higher than VCC
• For AHC only:  operates with CMOS input levels
• For AHCT only:  operates with TTL input levels
• Specified from −40 to +85 and +125°C.




Similar Part No. - 74AHC244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC244 NXP-74AHC244 Datasheet
103Kb / 16P
Octal buffer/line driver; 3-state
Rev. 05-20 December 2007
logo
Nexperia B.V. All right...
74AHC244 NEXPERIA-74AHC244 Datasheet
264Kb / 16P
Octal buffer/line driver; 3-state
Rev. 6 - 2 July 2020
74AHC244-Q100 NEXPERIA-74AHC244-Q100 Datasheet
824Kb / 17P
Octal buffer/line driver; 3-state
logo
NXP Semiconductors
74AHC244BQ NXP-74AHC244BQ Datasheet
103Kb / 16P
Octal buffer/line driver; 3-state
Rev. 05-20 December 2007
74AHC244BQ NXP-74AHC244BQ Datasheet
103Kb / 16P
Octal buffer/line driver; 3-state
Rev. 05-20 December 2007
More results


Similar Description - 74AHC244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
Octal buffer/line driver; 3-state
1999 Nov 24
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
logo
Nexperia B.V. All right...
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
Octal buffer/line driver; 3-state
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
Octal buffer/line driver 3-state
74AHCV541A NEXPERIA-74AHCV541A Datasheet
792Kb / 17P
Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
Octal buffer/line driver; 3-state
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com